Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPC3231D Datasheet(PDF) 35 Page - Micronas

Part # VPC3231D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3231D Datasheet(HTML) 35 Page - Micronas

Back Button VPC3231D Datasheet HTML 31Page - Micronas VPC3231D Datasheet HTML 32Page - Micronas VPC3231D Datasheet HTML 33Page - Micronas VPC3231D Datasheet HTML 34Page - Micronas VPC3231D Datasheet HTML 35Page - Micronas VPC3231D Datasheet HTML 36Page - Micronas VPC3231D Datasheet HTML 37Page - Micronas VPC3231D Datasheet HTML 38Page - Micronas VPC3231D Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
35
PIP Control
h’84
16
w/r
VPC MODE:
bit[0]
0/1
dis-/enable field memory control for PIP
bit[1]
0/1
double/single VPC application
bit[2]
0/1
select VPCpip/VPCmain mode
bit[3]
0/1
4:3/16:9 screen
bit[4]
0/1
13.5/16 MHz output pixel rate
bit[5]
0/1
vertical PIP window size is based on
a 625/525 line video
bit[7:6]
field memory type
00
TI TMS4C2972/3
01
PHILIPS SAA 4955TJ
10
reserved
11
other (OKI MSM5412222, ...)
bit[11:8] are evaluated, only if bit[7:6]=11
bit[8]
0/1
delay the video output for 0/1 LLC1 clock
bit[9]
0/1
pos/neg polarity for WE and RE signals
bit[10]
0/1
pos/neg polarity for IE and OE signals
bit[11]
0/1
pos/neg polarity for RSTWR signal
bit[15:12]
reserved (set to 0)
This register is updated when the PIPOPER register is written.
0
VPCMODE
ENA_PIP
SINGVPC
MAINVPC
F16TO9
F16MHZ
W525
FIFOTYPE
VIDEODEL
WEREINV
IEOEINV
RSTWRINV
h’85
16
w/r
PIP MODE:
bit[3:0]
the number of the PIP mode to be selected
bit[4]
0/1
write one/both input field(s) of a frame into
the field buffer in case TWOFB=0,
only used in the expert mode, for VPCpip
or VPCsingle
bit[5]
0/1
use one/two field buffer(s), only used
in the expert mode
bit[13:6] are used, only for VPCmain
bit[6]
0/1
show video/the background color in the
main picture, only used in the expert mode
bit[7]
0/1
dis-/enable the vertical up-shifting
of the main picture
bit[13:8] 0/1
number of lines for vertical up-shift
bif[15:14]
reserved (set to 0)
This register is updated when the PIPOPER register is written.
0PIPMODE
MODSEL
FRAMOD
TWOFB
SHOWBGD
VSHIFT
VOFFSET
I2C Sub-
address
Number
of bits
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com