Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN171 Datasheet(PDF) 16 Page - Microchip Technology

Part # RN171
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 Datasheet(HTML) 16 Page - Microchip Technology

Back Button RN171 Datasheet HTML 12Page - Microchip Technology RN171 Datasheet HTML 13Page - Microchip Technology RN171 Datasheet HTML 14Page - Microchip Technology RN171 Datasheet HTML 15Page - Microchip Technology RN171 Datasheet HTML 16Page - Microchip Technology RN171 Datasheet HTML 17Page - Microchip Technology RN171 Datasheet HTML 18Page - Microchip Technology RN171 Datasheet HTML 19Page - Microchip Technology RN171 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
RN171
DS70005171B-page 16
 2014-2016 Microchip Technology Inc.
4.1.2
RF EXPOSURE
All transmitters regulated by FCC must comply with RF
exposure requirements. OET Bulletin 65, Evaluating
Compliance with FCC Guidelines for Human Exposure
to Radio Frequency Electromagnetic Fields, provides
assistance in determining whether proposed or existing
transmitting facilities, operations or devices comply
with limits for human exposure to Radio Frequency
(RF) fields adopted by the Federal Communications
Commission (FCC). The bulletin offers guidelines and
suggestions for evaluating compliance.
If appropriate, compliance with exposure guidelines for
mobile and unlicensed devices can be accomplished
by the use of warning labels and by providing users
with information concerning minimum separation dis-
tances from transmitting structures and proper installa-
tion of antennas.
The following statement must be included as a CAU-
TION statement in manuals and OEM products to alert
users of FCC RF exposure compliance:
If the RN171 module is used in a portable application
(i.e., the antenna is less than 20 cm from persons
during operation), the integrator is responsible for per-
forming Specific Absorption Rate (SAR) testing in
accordance with FCC rules 2.1091.
4.1.3
APPROVED EXTERNAL ANTENNA
TYPES
To maintain modular approval in the United States,
only the antenna types that have been tested shall be
used. It is permissible to use different antenna manu-
facturers provided the same antenna type that has sim-
ilar in-band and out-of-band radiation patterns and
antenna gain (equal to or less than) is used.
Modular approval testing of the RN171 module was
performed with the antenna types listed in Table 3-1.
4.1.4
HELPFUL WEB SITES
• Federal Communications Commission (FCC):
http://www.fcc.gov
• FCC Office of Engineering and Technology (OET)
Laboratory Division Knowledge Database (KDB):
http://apps.fcc.gov/oetcf/kdb/index.cfm
4.2
Canada
The RN171 module has been certified for use in Can-
ada under Industry Canada (IC) Radio Standards
Specification (RSS) RSS-210 and RSSGen. Modular
approval permits the installation of a module in a host
device without the need to recertify the device.
4.2.1
LABELING AND USER
INFORMATION REQUIREMENTS
Labeling Requirements for the Host Device (from Sec-
tion 3.2.1, RSS-Gen, Issue 3, December 2010): The
host device shall be properly labeled to identify the
module within the host device.
The Industry Canada certification label of a module
shall be clearly visible at all times when installed in the
host device, otherwise the host device must be labeled
to display the Industry Canada certification number of
the module, preceded by the words “Contains transmit-
ter module”, or the word “Contains”, or similar wording
expressing the same meaning, as follows:
User Manual Notice for License-Exempt Radio Appara-
tus (from Section 7.1.3 RSS-Gen, Issue 3, December
2010): User manuals for license-exempt radio appara-
tus shall contain the following or equivalent notice in a
conspicuous location in the user manual or alterna-
tively on the device or both:
To satisfy FCC RF Exposure requirements for
mobile and base station transmission devices, a
separation distance of 20 cm or more should be
maintained between the antenna of this device and
persons during operation. To ensure compliance,
operation at closer than this distance is not recom-
mended.
The antenna(s) used for this transmitter must not be
co-located or operating in conjunction with any other
Contains transmitter module IC: 6514A-RN171
This device complies with Industry Canada
license-exempt RSS standard(s). Operation is sub-
ject to the following two conditions: (1) this device
may not cause interference, and (2) this device must
accept any interference, including interference that
may cause undesired operation of the device.
Le présent appareil est conforme aux CNR d'Indus-
trie Canada applicables aux appareils radio exempts
de licence. L'exploitation est autorisée aux deux con-
ditions suivantes: (1) l'appareil ne doit pas produire
de brouillage, et (2) l'utilisateur de l'appareil doit
accepter tout brouillage radioélectrique subi, même
si le brouillage est susceptible d'en compromettre le
fonctionnement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com