Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1810E Datasheet(PDF) 9 Page - Microchip Technology

Part # RN1810E
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1810E Datasheet(HTML) 9 Page - Microchip Technology

Back Button RN1810E Datasheet HTML 5Page - Microchip Technology RN1810E Datasheet HTML 6Page - Microchip Technology RN1810E Datasheet HTML 7Page - Microchip Technology RN1810E Datasheet HTML 8Page - Microchip Technology RN1810E Datasheet HTML 9Page - Microchip Technology RN1810E Datasheet HTML 10Page - Microchip Technology RN1810E Datasheet HTML 11Page - Microchip Technology RN1810E Datasheet HTML 12Page - Microchip Technology RN1810E Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS50002460A-page 9
RN1810/RN1810E
FIGURE 1-5:
RN1810/RN1810E MODULE MOUNTING DETAILS
Keep area around antenna
(approximately 1.25 inches) clear
of metallic structures for
best performance.
1.25
Edge of
Host PCB
Ground Plane
(Top View)
Dimensions are in inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com