| Electronic Components Datasheet Search |
|
VPC3215C Datasheet(PDF) 73 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
VPC3215C Datasheet(HTML) 73 Page - Micronas |
|
73 / 78 page ![]() ADVANCE INFORMATION VPC 323xD, VPC 324xD Micronas 73 5.2. Application Note: PIP Mode Programming 5.2.1. Procedure to Program a PIP Mode For the VPCpip or VPCsingle: 1. set the scaler according to the PIP size to be used (see Table 2–11). 2. write the registers VPCMODE and PIPMODE according to the mode to be set. 3. in expert mode write the registers NLIN, NPIX and NPFB. 4. write the registers COLBGD, COLFR1, COLFR2, HSTR and VSTR, if a different value as the default one is used. 5. write the registers LINOFFS and PIXOFFS, if a dif- ferent value as the default one or more than 4 inset pictures in the X or Y direction are used. 6. write the register PIPOPER to fill the frame and background of an inset picture. This step is repeated for all inset pictures in a multi PIP application. For the VPCmain: 7. set the scaler to get a full size video (see Table 2–11). 8. write the registers VPCMODE and PIPMODE according to the mode to be set. 9. in expert mode write the registers NLIN, NPIX and NPFB. 10. write the registers COLBGD, HSTR and VSTR, if a different value as the default one is used. 11. write the register PIPOPER to start displaying PIP. For the VPCpip or VPCsingle: 12. write the register PIPOPER to start filling a inset picture with live video. 13. Only for tuner scanning: write the register PIPOPER to stop filling a inset picture with live video and changing the channel. 14. repeat steps 12 and 13 for all inset pictures in a multi PIP application. 15. Only for VPCsingle: write the register PIPOPER to start filling the main picture part outside the inset picture(s) with live video. For the VPCmain: 16. write the registers HSTR and VSTR, if the PIP position should be changed. 17. write the register PIPOPER, to quit the PIP mode. In an application with a single VPC, step 7 - 11 and 16 - 17 are dropped. Additionally, the free running mode should be set in the cases shown in Table 2–12. 5.2.2. I2C Registers Programming for PIP Control To program a PIP mode, the register VPCMODE, PIP- MODE and PIPOPER should be written always, all other registers are used only in the expert mode or if the default values are modified (see Table 5–1). Table 5–1: I2C register programing for PIP control I2C register update VPCMODE, PIPMODE, PIPOPER should be written always COLBGD, COLFR1, COLFR2, HSTR, VSTR should be written only, if the default values have to be modified LINOFFS, PIXOFFS VPCpip VPCmain VPCsingle only used in expert mode, when more than 4 inset pictures in the X or Y direction are used. not used. only used if a different value as the default one or more than 4 inset pic- tures in the X or Y direc- tion are used NLIN, NPIX, NPFB should be written, only in the expert mode. (In the predefined modes the default values are used.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |