Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPC3240D Datasheet(PDF) 11 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 11 Page - Micronas

Back Button VPC3240D Datasheet HTML 7Page - Micronas VPC3240D Datasheet HTML 8Page - Micronas VPC3240D Datasheet HTML 9Page - Micronas VPC3240D Datasheet HTML 10Page - Micronas VPC3240D Datasheet HTML 11Page - Micronas VPC3240D Datasheet HTML 12Page - Micronas VPC3240D Datasheet HTML 13Page - Micronas VPC3240D Datasheet HTML 14Page - Micronas VPC3240D Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
11
Fig. 2–5: Frequency response of chroma filters
2.3.4. Frequency Demodulator
The frequency demodulator for demodulating the SE-
CAM signal is implemented as a CORDIC-structure. It
calculates the phase and magnitude of the quadrature
components by coordinate rotation.
The phase output of the CORDIC processor is differ-
entiated to obtain the demodulated frequency. After
the deemphasis filter, the Dr and Db signals are scaled
to standard CrCb amplitudes and fed to the cross-
over-switch.
2.3.5. Burst Detection / Saturation Control
In the PAL/NTSC-system the burst is the reference for
the color signal. The phase and magnitude outputs of
the CORDIC are gated with the color key and used for
controlling the phase-lock-loop (APC) of the demodula-
tor and the automatic color control (ACC) in PAL/NTSC.
The ACC has a control range of +30 ... –6 dB.
Color saturation can be selected once for all color
standards. In PAL/NTSC it is used as reference for the
ACC. In SECAM the necessary gains are calculated
automatically.
For SECAM decoding, the frequency of the burst is
measured. Thus, the current chroma carrier frequency
can be identified and is used to control the SECAM
processing. The burst measurements also control the
color killer operation; they are used for automatic stan-
dard detection as well.
2.3.6. Color Killer Operation
The color killer uses the burst-phase/burst-frequency
measurement to identify a PAL/NTSC or SECAM color
signal. For PAL/NTSC, the color is switched off (killed)
as long as the color subcarrier PLL is not locked. For
SECAM, the killer is controlled by the toggle of the
burst frequency. The burst amplitude measurement is
used to switch-off the color if the burst amplitude is
below a programmable threshold. Thus, color will be
killed for very noisy signals. The color amplitude killer
has a programmable hysteresis.
2.3.7. Automatic standard recognition
The burst-frequency measurement is also used for
automatic standard recognition (together with the sta-
tus of horizontal and vertical locking) thus allowing a
completely independent search of the line and color
standard of the input signal. The following standards
can be distinguished:
PAL B,G,H,I; NTSC M; SECAM; NTSC 44; PAL M;
PAL N; PAL 60
For a preselection of allowed standards, the recogni-
tion can be enabled/disabled via I2C bus for each stan-
dard separately.
If at least one standard is enabled, the VPC32xxD
checks regularly the horizontal and vertical locking of
the input signal and the state of the color killer. If an
error exists for several adjacent fields a new standard
search is started. Depending on the measured line
number and burst frequency the current standard is
selected.
For error handling the recognition algorithm delivers
the following status information:
– search active (busy)
– search terminated, but failed
– found standard is disabled
– vertical standard invalid
PAL/NTSC
SECAM
MHz
dB
MHz
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com