Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPC3243D Datasheet(PDF) 69 Page - Micronas

Part # VPC3243D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3243D Datasheet(HTML) 69 Page - Micronas

Back Button VPC3243D Datasheet HTML 65Page - Micronas VPC3243D Datasheet HTML 66Page - Micronas VPC3243D Datasheet HTML 67Page - Micronas VPC3243D Datasheet HTML 68Page - Micronas VPC3243D Datasheet HTML 69Page - Micronas VPC3243D Datasheet HTML 70Page - Micronas VPC3243D Datasheet HTML 71Page - Micronas VPC3243D Datasheet HTML 72Page - Micronas VPC3243D Datasheet HTML 73Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
69
4.6.4.11. Characteristics, Input Pin Specification
Input Specification for SYNC, CONTROL, and DATA Pin: MSY (DIGIT3000 mode only)
Fig. 4–17: Sync, control, and data inputs
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
––
0.8
V
VIH
Input High Voltage
1.5
–
–
V
tIS
Input Setup Time
7
–
–
ns
tIH
Input Hold Time
5
–
–
ns
CLK20
20.25 MHz
in case of DIGIT3000 Mode
LLC1
13.5 MHz
in case of LLC Mode
Input
Input
Data valid
tIH
tIS
Data valid
tIH
tIS
VIH
VIL
2.0 V
tR, tF ≤ 5ns
0.8 V
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com