Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM293DR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM293DR2G
Description  Low Offset Voltage Dual Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM293DR2G Datasheet(HTML) 2 Page - ON Semiconductor

  LM293DR2G Datasheet HTML 1Page - ON Semiconductor LM293DR2G Datasheet HTML 2Page - ON Semiconductor LM293DR2G Datasheet HTML 3Page - ON Semiconductor LM293DR2G Datasheet HTML 4Page - ON Semiconductor LM293DR2G Datasheet HTML 5Page - ON Semiconductor LM293DR2G Datasheet HTML 6Page - ON Semiconductor LM293DR2G Datasheet HTML 7Page - ON Semiconductor LM293DR2G Datasheet HTML 8Page - ON Semiconductor LM293DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM393, LM393E, LM293, LM2903, LM2903E, LM2903V, NCV2903
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
+36 or
±18
V
Input Differential Voltage
VIDR
36
V
Input Common Mode Voltage Range (Note 1)
VICR
−0.3 to +36
V
Output Voltage
VO
36
V
Output Short Circuit−to−Ground
Output Sink Current (Note 2)
ISC
ISink
Continuous
20
mA
Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
1/RqJA
570
5.7
mW
mW/
°C
Operating Ambient Temperature Range
LM293
LM393, LM393E
LM2903, LM2903E
LM2903V, NCV2903 (Note 3)
TA
−25 to +85
0 to +70
−40 to +105
−40 to +125
°C
Maximum Operating Junction Temperature
LM393, LM393E, LM2903, LM2903E, LM2903V
LM293, NCV2903
TJ(max)
150
150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. For supply voltages less than 36 V, the absolute maximum input voltage is equal to the supply voltage.
2. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC, output short circuits to VCC can cause
excessive heating and eventual destruction.
3. NCV2903 is qualified for automotive use.
ESD RATINGS
Rating
HBM
MM
Unit
ESD Protection at any Pin (Human Body Model − HBM, Machine Model − MM)
NCV2903 (Note 3)
LM393E, LM2903E
LM393DG/DR2G, LM2903DG/DR2G
All Other Devices
2000
1500
250
1500
200
150
100
150
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com