Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321 Datasheet(PDF) 11 Page - ON Semiconductor

Part # LMV321
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor LMV321 Datasheet HTML 10Page - ON Semiconductor LMV321 Datasheet HTML 11Page - ON Semiconductor LMV321 Datasheet HTML 12Page - ON Semiconductor LMV321 Datasheet HTML 13Page - ON Semiconductor LMV321 Datasheet HTML 14Page - ON Semiconductor LMV321 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LMV321, LMV358, LMV324
www.onsemi.com
11
APPLICATIONS
+
−
R1
R2
VO
Vref
Vin
VOH
VO
VOL
Hysteresis
VinL
VinH
Vref
MC1403
LMV321
−
+
R1
VCC
VCC
VO
2.5 V
R2
50 k
10 k
Vref
5.0 k
R
C
R
C
+
−
VO
For: fo = 1.0 kHz
R = 16 k
W
C = 0.01
mF
VCC
LMV321
LMV321
Figure 28. Voltage Reference
Figure 29. Wien Bridge Oscillator
Figure 30. Comparator with Hysteresis
V
O + 2.5 V(1 )
R1
R2
)
V
ref +
1
2
V
CC
f
O +
1
2
pRC
V
inL +
R1
R1
) R2
(V
OL * Vref) ) Vref
V
inH +
R1
R1
) R2
(V
OH * Vref) ) Vref
H
+
R1
R1
) R2
(V
OH * VOL)
For less than 10% error from operational amplifier,
((QO fO)/BW) < 0.1 where fo and BW are expressed in Hz.
If source impedance varies, filter may be preceded with
voltage follower buffer to stabilize filter parameters.
Given: fo = center frequency
A(fo) = gain at center frequency
Choose value fo, C
Vin
Figure 31. Multiple Feedback Bandpass Filter
−
+
VCC
R3
R1
R2
Vref
C
C
VO
CO = 10 C
CO
LMV321
Then :
R3
+
Q
pf
O C
R1
+
R3
2A(f
O)
R2
+
R1 R3
4Q2 R1
* R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com