Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45404 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC45404
Description  19V 5A Ultra-Low Profile DC-to-DC Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45404 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC45404 Datasheet HTML 20Page - Microchip Technology MIC45404 Datasheet HTML 21Page - Microchip Technology MIC45404 Datasheet HTML 22Page - Microchip Technology MIC45404 Datasheet HTML 23Page - Microchip Technology MIC45404 Datasheet HTML 24Page - Microchip Technology MIC45404 Datasheet HTML 25Page - Microchip Technology MIC45404 Datasheet HTML 26Page - Microchip Technology MIC45404 Datasheet HTML 27Page - Microchip Technology MIC45404 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MIC45404
DS20005478A-page 24
 2015 Microchip Technology Inc.
For example, setting the compensator pole at 5 fXO will
limit its associated phase loss at the crossover
frequency to about 11°. Placement at even higher
frequencies, N × fXO (N > 5), will reduce phase loss
even further at the expense of less noise/ripple attenu-
ation at the switching frequency. Some attenuation of
the switching frequency noise/ripple is achieved as
long as N × fXO <fS.
For the polarized output capacitor, compensator pole
placement at the ESR zero frequency is achieved, as
shown in Equation 5-20:
EQUATION 5-20:
For the ceramic output capacitor, compensator pole
placement at N × fXO (N 5, N × fXO < fS) is achieved,
as detailed in Equation 5-21:
EQUATION 5-21:
The MIC45404 already provides an internal CC2 capac-
itor of 47 pF. Therefore, the external capacitance,
CC2_EXT, that should be added is given by
Equation 5-22:
EQUATION 5-22:
If the result, CC2 – 47 pF, yields to zero or to a negative
number, no additional external capacitance is needed
for CC2.
5.9
Output Voltage Soft Start Rate
The MIC45404 features an internal analog soft start,
such that the output voltage can be smoothly increased
to the target regulation voltage. The soft start rate given
in Section 1.0 “Electrical Characteristics” is referred
to the error amplifier reference, and therefore, the
effective soft start rate value, seen at the output of the
module, has to be scaled according to the internal feed-
back divider attenuation values listed in Table 5-5. To
calculate the effective output voltage soft start slew
rate, SS_SROUT, based on the particular output voltage
setting and the reference soft start slew rate, SS_SR,
use the following formula:
EQUATION 5-23:
For the value of A, see the right column of Table 5-5.
C
C2
1
R
C1
C
O
ESR
------------------------
1
C
C1
----------
–
-----------------------------------------
=
C
C 2
1
2
R
C1
N
f
XO
1
C
C1
----------
–
----------------------------------------------------------------
=
C
C2_EXT
max C
C2
47 pF, 0 pF
–

=
SS_SR
OUT
A
SS_SR
=
Where:
A = Amplification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com