Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCM300U Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LCM300U
Description  310 Watt Bulk Front End
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM300U Datasheet(HTML) 2 Page - Artesyn Technologies

  LCM300U Datasheet HTML 1Page - Artesyn Technologies LCM300U Datasheet HTML 2Page - Artesyn Technologies LCM300U Datasheet HTML 3Page - Artesyn Technologies LCM300U Datasheet HTML 4Page - Artesyn Technologies LCM300U Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LCM300 Data Sheet
Environmental Specifications
Operating temperature
-40 °C to +70 °C, linear derating to 50% from 50 °C to 70 °C
Storage temperature
-40 °C to +85 °C
Humidity
20 to 90%, non-condensing. Operating. Conformal coat option available
Fan noise
< 45 dBA, 80% load at 40 °C; Fan Off when unit is inhibited
Altitude
Operating - 16,405 feet (5000m)
Storage - 30,000 feet
Shock
MIL-STD-810F 516.5, Procedure I, VI. Storage
Vibration
MIL-STD-810F 514.5, Cat. 4, 10. Storage
Electrical Specifications
Output
Output rating
See table 1
90 - 264 Vac
Set point
±0.5%
90 - 264 Vac
Total regulation range
Main output ±2%
5 Vsb ±1%
Combined line/load/transient when measured at output
terminal
Rated load
310 W (360 W for current Q and U variants)
Derate linear to 50% from 50 °C to 70 °C
Minimum load
Main output @ 0.0 A
5 Vsb @ 0.0 A
No loss of regulation
Output noise (PARD)
1% max p-p
100 mV max p-p
Main output
5 Vsb output
Measured with a 0.1 μF Ceramic and 10 μF Tantalum
Capacitor on any output, 20 MHz
Output voltage overshoot
No overshoot/undershoot outside the regulation band during
on or off cycle
Transient response
< 300 µSec
50% load step @ 1 A/µs
Step load valid between 10% to 100% of output rating
Recovery time to within 1% of set point at onset of transient
Max units in parallel
Up to 10
Short circuit protection
Protected, no damage to occur
Bounce mode
Remote sense
Compensation up to 500 mV
Output isolation
Standard per safety requirements
Forced load sharing
To within 10% of all shared outputs
Analog sharing control
Overload protection (OCP)
105% to 125%
120% to 170%
Main output
5 Vsb output
Overvoltage protection (OVP)
125% to 145%
110% to 125%
12 V output
5 Vsb output
Ordering Information
Model
Number*
Output
Nominal Output
Voltage Set Point
Set Point
Tolerance
Adjustment Range
Current
Output Ripple
P/P (0-50 ˚C)
Max Continuous
Power
Combined Line/
Load Regulation
Min
Max
LCM300L
12 V
12 V
±0.5%
9.6 - 14.4 V
0 A
25.0 A
120 mV
310 W
2%
LCM300N
15 V
15 V
±0.5%
14.25 - 19.5 V
0 A
20.0 A
150 mV
310 W
2%
LCM300Q
24 V
24 V
±0.5%
19.2 - 28.8 V
0 A
12.5 A*
240 mV
310 W
2%
LCM300U
36 V
36 V
±0.5%
28.8 - 43.2 V
0 A
8.4 A*
360 mV
310 W
2%
LCM300W
50 V
48 V
±0.5%
43.0 - 60.0 V
0 A
6.3 A
480 mV
310 W
2%
* 14.5 A rating on LCM300Q-T and 9.7 A on LCM300U-T when max temp does not exceed 45C (Total Power = 350 W)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com