Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB201S Datasheet(PDF) 2 Page - Dc Components

Part # DB201S
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DB201S Datasheet(HTML) 2 Page - Dc Components

  DB201S Datasheet HTML 1Page - Dc Components DB201S Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (DB201S THRU DB207S)
R
DC COMPONENTS CO., LTD.
FIG.
MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
60
50
40
30
20
10
0
0
2
4
6
10
20
40
60 100
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-wave
(JEDEC Method)
10
FIG. 2
TYPICAL FORWARD CURRENT
DERATING CURVE
AMBIENT TEMPERATURE,( )
C
0
Single Phase Half Wave
60Hz Inductive or
Resistive Load
2.0
20
40
60
80
100
120
140 150
FIG. 4
TYPICAL REVERSE CHARACTERISTICS
10
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
1.0
0.1
.01
C
TJ=25
0
20
40
60
80
100
120
140
C
TJ=25
INSTANTANEOUS FORWARD
VOLTAGE,(V)
1.4
1.2
.8
1.0
.6
.4
.01
0.1
1.0
10
Pulse Width = 300us
1% duty Cycle
FIG. 3
TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.0
www.dccomponents.com
2
REV-1,DEC,2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com