Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2107G Datasheet(PDF) 7 Page - Rohm

Part # BA2107G
Description  Low Noise Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2107G Datasheet(HTML) 7 Page - Rohm

Back Button BA2107G Datasheet HTML 3Page - Rohm BA2107G Datasheet HTML 4Page - Rohm BA2107G Datasheet HTML 5Page - Rohm BA2107G Datasheet HTML 6Page - Rohm BA2107G Datasheet HTML 7Page - Rohm BA2107G Datasheet HTML 8Page - Rohm BA2107G Datasheet HTML 9Page - Rohm BA2107G Datasheet HTML 10Page - Rohm BA2107G Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
7/31
11.Nov.2014 Rev.002
TSZ22111・15・00
BA2107G BA2115xxx
(10) Power Supply Rejection Ratio (PSRR)
Indicates the ratio of fluctuation of input offset voltage when supply voltage is changed.
It is normally the fluctuation of DC.
PSRR= (Change of power supply voltage)/(Input offset fluctuation)
(11) Slew Rate (SR)
Indicates the ratio of the change in output voltage with time when a step input signal is applied.
(12) Gain Bandwidth (GBW)
The product of the open-loop voltage gain and the frequency at which the voltage gain decreases 6dB/octave.
(13) Unity gain frequency (fT)
Indicates a frequency where the voltage gain of operational amplifier is 1.
(14) Input Referred Noise Voltage (VN)
Indicates a noise voltage generated inside the operational amplifier equivalent by ideal voltage source connected in
series with input terminal.
(15) Total harmonic distortion + Noise (THD+N)
Indicates the fluctuation of input offset voltage or that of output voltage with reference to the change of output voltage
of driven channel.
(16) Channel Separation (CS)
Indicates the fluctuation in the output voltage of the driven channel with reference to the change of output voltage of
the channel which is not driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com