Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4560FVT Datasheet(PDF) 20 Page - Rohm

Part # BA4560FVT
Description  Low Noise Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560FVT Datasheet(HTML) 20 Page - Rohm

Back Button BA4560FVT Datasheet HTML 16Page - Rohm BA4560FVT Datasheet HTML 17Page - Rohm BA4560FVT Datasheet HTML 18Page - Rohm BA4560FVT Datasheet HTML 19Page - Rohm BA4560FVT Datasheet HTML 20Page - Rohm BA4560FVT Datasheet HTML 21Page - Rohm BA4560FVT Datasheet HTML 22Page - Rohm BA4560FVT Datasheet HTML 23Page - Rohm BA4560FVT Datasheet HTML 24Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
20/48
19.Nov.2014 Rev.003
TSZ22111・15・00
BA4560xxx BA4560Rxxx BA4564RFV BA4564WFV
○
BA4560Rxxx
(*)The above data is measurement value of typical sample, it is not guaranteed.
Figure 37.
Input Offset Current - Ambient Temperature
(VICM=0V, VOUT =0V)
-60
-40
-20
0
20
40
60
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [°C]
±4V
±15V
±7.5V
Figure 39.
Common Mode Rejection Ratio
- Ambient Temperature
(VCC/VEE=+15V/-15V, VICM=-12V to +12V)
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [°C]
Figure 38.
Input Offset Voltage
-
Common Mode Input Voltage
(VCC=8V, VOUT =4V)
Figure 36.
Input Offset Current - Supply Voltage
(VICM=0V, VOUT =0V)
-60
-40
-20
0
20
40
60
±0
±2
±4
±6
±8 ±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
105℃
-40℃
25℃
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
COMMON MODE INPUT VOLTAGE [V]
105℃
25℃
-40℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com