Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4559F Datasheet(PDF) 7 Page - Rohm

Part # LM4559F
Description  Low Noise Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM4559F Datasheet(HTML) 7 Page - Rohm

Back Button LM4559F Datasheet HTML 3Page - Rohm LM4559F Datasheet HTML 4Page - Rohm LM4559F Datasheet HTML 5Page - Rohm LM4559F Datasheet HTML 6Page - Rohm LM4559F Datasheet HTML 7Page - Rohm LM4559F Datasheet HTML 8Page - Rohm LM4559F Datasheet HTML 9Page - Rohm LM4559F Datasheet HTML 10Page - Rohm LM4559F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200580-1-2
©2012 ROHM Co., Ltd. All rights reserved.
7/25
04.Dec.2013 Rev.003
TSZ22111・15・001
LM4559xxx
Typical Performance Curves
○LM4559xxx
-20
-15
-10
-5
0
5
10
15
20
±0
±5
±10
±15
±20
Supply Voltage [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
±0
±5
±10
±15
±20
Supply Voltage [V]
-40°C
25°C
85°C
Figure 3.
Supply Current vs Supply Voltage
Figure 4.
Supply Current vs Ambient Temperature
(VCC/VEE=±15V)
Figure 5.
Maximum Output Voltage vs Supply Voltage
(RL=2kΩ)
-40°C
25°C
(*)The data above is measurement value of typical sample, it is not guaranteed.
-40°C
25°C
85°C
85°C
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature [°C]
Figure 2.
Power Dissipation vs Ambient Temperature
(Derating Curve)
85
LM4559F
LM4559FJ
LM4559FV
LM4559FVT
LM4559FVM
LM4559FVJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com