Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4559FVT Datasheet(PDF) 9 Page - Rohm

Part # LM4559FVT
Description  Low Noise Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM4559FVT Datasheet(HTML) 9 Page - Rohm

Back Button LM4559FVT Datasheet HTML 5Page - Rohm LM4559FVT Datasheet HTML 6Page - Rohm LM4559FVT Datasheet HTML 7Page - Rohm LM4559FVT Datasheet HTML 8Page - Rohm LM4559FVT Datasheet HTML 9Page - Rohm LM4559FVT Datasheet HTML 10Page - Rohm LM4559FVT Datasheet HTML 11Page - Rohm LM4559FVT Datasheet HTML 12Page - Rohm LM4559FVT Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200580-1-2
©2012 ROHM Co., Ltd. All rights reserved.
9/25
04.Dec.2013 Rev.003
TSZ22111・15・001
LM4559xxx
Typical Performance Curves (Reference data) – continued
○LM4559xxx
100
110
120
130
140
150
160
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
Ambient Temperature [
℃]
0
1
2
3
4
5
6
-50
-25
0
255075
100
Ambient Temperature [°C]
Figure 11.
Common Mode Rejection Ratio vs Ambient Temperature
(VCC/VEE=±15V)
80
85
90
95
100
105
110
115
120
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Figure 12.
Power Supply Rejection Ratio vs Ambient Temperature
Figure 13.
Slew Rate L-H vs Ambient Temperature
(VCC/VEE=±15V, RL=2kΩ, CL=100pF)
(*)The data above is measurement value of typical sample, it is not guaranteed.
Figure 10.
Large Signal Voltage Gain vs Ambient Temperature
(VCC/VEE=±15V, RL=2kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com