Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16HTW-13R Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BAS16HTW-13R
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16HTW-13R Datasheet(HTML) 4 Page - Diodes Incorporated

  BAS16HTW-13R Datasheet HTML 1Page - Diodes Incorporated BAS16HTW-13R Datasheet HTML 2Page - Diodes Incorporated BAS16HTW-13R Datasheet HTML 3Page - Diodes Incorporated BAS16HTW-13R Datasheet HTML 4Page - Diodes Incorporated BAS16HTW-13R Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAS16HTW
Document number: DS37694 Rev. 5 - 2
4 of 5
www.diodes.com
April 2016
© Diodes Incorporated
BAS16HTW
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT363
e
D
L
E1
b
E
F
A2
A1
c
a
SOT363
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.90
1.00
1.00
b
0.10
0.30
0.25
c
0.10
0.22
0.11
D
1.80
2.20
2.15
E
2.00
2.20
2.10
E1
1.15
1.35
1.30
e
0.650 BSC
F
0.40
0.45
0.425
L
0.25
0.40
0.30
a
0°
8°
–
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT363
Y1
G
Y
X
C
Dimensions
Value
(in mm)
C
0.650
G
1.300
X
0.420
Y
0.600
Y1
2.500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com