Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7257LE Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7257LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7257LE Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7257LE Datasheet HTML 9Page - Infineon Technologies AG TLE7257LE Datasheet HTML 10Page - Infineon Technologies AG TLE7257LE Datasheet HTML 11Page - Infineon Technologies AG TLE7257LE Datasheet HTML 12Page - Infineon Technologies AG TLE7257LE Datasheet HTML 13Page - Infineon Technologies AG TLE7257LE Datasheet HTML 14Page - Infineon Technologies AG TLE7257LE Datasheet HTML 15Page - Infineon Technologies AG TLE7257LE Datasheet HTML 16Page - Infineon Technologies AG TLE7257LE Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TLE7257
Functional Description
Data Sheet
13
Rev. 1.0, 2013-10-16
4.6
Mode Transition via EN input
Figure 9
Entering Normal Operation mode from Sleep mode
The EN input is used for operation mode control of the TLE7257. By setting the EN input logical “high” for the time
t
MODE while being Sleep or Standby mode, a transition to Normal Operation mode will be triggered (see Figure 9).
The EN input has an integrated pull-down resistor to ensure the device remains in Sleep or Standby mode even
if the EN pin is left open. The EN input has an integrated hysteresis.
A signal transition from logical “high” to “low” on the EN input changes the operation mode from Normal Operation
mode to Sleep mode (see Figure 5).
The TLE7257 changes the operation modes regardless of the signal on the BUS pin. In the case of a short circuit
between the LIN bus and GND, resulting in a permanent “dominant” signal, the TLE7257 can be set to Sleep mode
by setting the EN input to logical “low”.
After a mode change to Normal Operation mode, a logical “high” signal for the time
t
to,rec on the TxD input is
required to release the data communication.
TLE7257_ENABLE
1) The TxD signal is driven from the external microcontroller
V
EN,OFF
Sleep mode
t
to,rec
V
EN,ON
Hysteresis
Normal Operation mode
Sleep mode
t
EN
t
Data transmission
RxD
t
Data transmission
TxD
1)
INH
t
MODE
t
MODE
INH: „high impedance“
INH: „high impedance“
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com