Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST67S Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST67S
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST67S Datasheet(HTML) 1 Page - STMicroelectronics

  ACST67S Datasheet HTML 1Page - STMicroelectronics ACST67S Datasheet HTML 2Page - STMicroelectronics ACST67S Datasheet HTML 3Page - STMicroelectronics ACST67S Datasheet HTML 4Page - STMicroelectronics ACST67S Datasheet HTML 5Page - STMicroelectronics ACST67S Datasheet HTML 6Page - STMicroelectronics ACST67S Datasheet HTML 7Page - STMicroelectronics ACST67S Datasheet HTML 8Page - STMicroelectronics ACST67S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
1/10
ACST6
May 2005
REV. 8
MAIN APPLICATIONS
AC static switching in appliance & industrial
control systems
Induction motor drive actuator for:
- Refrigerator / Freezer compressor
- Dishwasher spray pump
- Clothes drier tumble
Actuator for the thermostat of a refrigerator or
COM COM freezer
FEATURES
VDRM /VRRM = +/- 700V
Avalanche controlled device
IT(RMS) = 1.5 A with no heat sink and Tamb = 40 °C
IT(RMS) = 6A with Tcase = 105 °C
High noise immunity: static dV/dt > 200 V/
µs
Gate triggering current : IGT < 10 mA
Snubberless turn off commutation:
(dI/dt)c > 3.5A/ms
D
2PAK, I2PAK, TO-220FPAB or TO-220AB
package
BENEFITS
Enables equipment to meet IEC61000-4-5
standards
High off-state reliability with planar technology
Needs no external overvoltage protection
Direct interface with the microcontroller
Reduces the power component count
DESCRIPTION
The ACST6-7Sx belongs to the AC power switch
family built around the ASD technology. This high
performance device is adapted to home appli-
ances or industrial systems and drives an induc-
tion motor up to 6A.
This ACST switch embeds a triac structure with a
high voltage clamping device to absorb the inductive
turn-off energy and withstand line transients such as
those described in the IEC61000-4-5 standards.
OVER VOLTAGE PROTECTED
AC POWER SWITCH
G
COM
OUT
Figure 1: Functional Diagram
TO-220AB
ACST6-7ST
TO-220FPAB
ACST6-7SFP
D2PAK
ACST6-7SG
G
OUT
OUT
COM
I2PAK
ACST6-7SR
G
OUT
COM
G
OUT
COM
G
OUT
OUT
COM
ASD
(Application Specific Devices)
Table 1: Order Codes
Part Numbers
Marking
ACST6-7ST
ACST67S
ACST6-7SFP
ACST6-7SG
ACST6-7SR


Similar Part No. - ACST67S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST6 STMICROELECTRONICS-ACST6 Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST6610-8FR STMICROELECTRONICS-ACST6610-8FR Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST6610-8FRTR STMICROELECTRONICS-ACST6610-8FRTR Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST6610-8G STMICROELECTRONICS-ACST6610-8G Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST6610-8GTR STMICROELECTRONICS-ACST6610-8GTR Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
More results

Similar Description - ACST67S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
24-Nov-2004
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
logo
STMicroelectronics
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
AC switch family Transient voltage protected AC Switch (ACSTM)
05-Jan-2005
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
logo
STMicroelectronics
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
AC switch family Transient voltage protected AC Switch (ACS)
07-Jun-2006
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
Transient protected AC power switch
02-Dec-2008
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com