Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT22 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPT22
Description  Total Power: 25 - 40 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPT22 Datasheet(HTML) 1 Page - Artesyn Technologies

  LPT22 Datasheet HTML 1Page - Artesyn Technologies LPT22 Datasheet HTML 2Page - Artesyn Technologies LPT22 Datasheet HTML 3Page - Artesyn Technologies LPT22 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
LPT25 Series
25 Watts
Total Power: 25 - 40 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Triple
SPECIAL FEATURES
ƒ
Universal input
ƒ
3” x 5” footprint
ƒ
Less than 1U high
ƒ
Remote sense on main output
ƒ
Built-in EMI filter
ƒ
Low output ripple
ƒ
Adjustable main output
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
110 KHz switching frequency
ƒ
LPX40 enclosure kit available
ƒ
RoHS compliant
ƒ
Two year warranty
SAFETY
ƒ
TUV
60950
11774-3336-1241 (LC#84936)
ƒ
UL
UL60950
E132002
ƒ
cUL
60950
LR53982C
ƒ
NEMKO
EN 60950/EMKO-TUE
P95100411 (74-sec) 203
ƒ
CB
Certificate and report
1569, 1570, 1571, 1572
ƒ
CE
Mark (LVD)
Electrical Specifications
Input
Input range
85 - 264 Vac; 120 - 300 Vdc
Frequency
47 - 440 Hz
Inrush current
< 15 A peak @ 115 Vac;
< 30 A peak @ 230 Vac, cold start @ 25 °C
Input current
1A max. (RMS) @ 115 Vac
Efficiency
70% typical at full load
EMI
FCC Class B conducted; CISPR 22 Class B conducted
EN55022 Class B conducted; VDE 0878 PT3 Class B conducted
Safety ground leakage current
< 0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
25 W for convection; 40 W with 30CFM forced air
Cross regulation
±2% on output 1; ±5% on outputs 2, 3
Adjustment range
-5, +10% minimum
Hold-up time
20 ms @ 25 W load, 115 Vac nominal line
Overload protection
Short circuit protection on all outputs. Case overload protected @
110% to 145% above peak rating
Overvoltage protection
5.7 to 6.7 Vdc on the main output
Remote sense
Compensates for 0.5 V lead drop min. Will operate without
remote sense connected. Reverse connection protected.
Data Sheet


Similar Part No. - LPT22

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPT22 ASTEC-LPT22 Datasheet
79Kb / 3P
25 Watts
logo
Emerson Network Power
LPT22 EMERSON-NETWORKPOWER-LPT22 Datasheet
102Kb / 3P
Universal input
logo
Astec America, Inc
LPT22-T ASTEC-LPT22-T Datasheet
79Kb / 3P
25 Watts
logo
Emerson Network Power
LPT22-T EMERSON-NETWORKPOWER-LPT22-T Datasheet
102Kb / 3P
Universal input
More results

Similar Description - LPT22

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
AEE08F18-L ARTESYN-AEE08F18-L Datasheet
1Mb / 3P
Total Power: 40 Watts
LPS41 ARTESYN-LPS41 Datasheet
589Kb / 3P
Total Power: 40 - 55 Watts
LPS22 ARTESYN-LPS22 Datasheet
709Kb / 3P
Total Power: 25 - 40 Watts
NPS42-M ARTESYN-NPS42-M Datasheet
644Kb / 3P
Total Power: 40 - 60 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com