Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT23 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPT23
Description  Total Power: 25 - 40 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPT23 Datasheet(HTML) 2 Page - Artesyn Technologies

  LPT23 Datasheet HTML 1Page - Artesyn Technologies LPT23 Datasheet HTML 2Page - Artesyn Technologies LPT23 Datasheet HTML 3Page - Artesyn Technologies LPT23 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LPT25 Series Data Sheet
Environmental Specifications
Operating temperature
0 °C to 50 °C ambient derate each output at 2.5% per degreefrom 50 °C to 70 °C, -20 °C start up.
Electromagnetic susceptibility
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwellat four major resonances 0.75 G peak 5 Hz
to 500 Hz, operational
Storage temperature
-40 °C to 85 °C
Temperature coefficient
±.04% per °C
MTBF demonstrated
>550,000 hours at full load and 25 °C ambient conditions
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load1
Regulation2
Ripple
P/P(PARD)3
LPT22
5 V
12 V
-12 V
0.3 A
0.1 A
0 A
3 A
1.5 A
0.5 A
4 A
2 A
0.7 A
5 A
3 A
1 A
±2%
±5%
±5%
50 mV
120 mV
120 mV
LPT23
5 V
12 V
-12 V
0.4 A
0 A
0 A
4 A
0.5 A
0.5 A
5 A
0.7 A
0.7 A
6 A
1 A
1 A
±2%
±5%
±5%
50 mV
120 mV
120 mV
LPT24
5 V
12 V
-5 V
0.3 A
0.1 A
0 A
3 A
1.5 A
0.5 A
4 A
2 A
0.7 A
5 A
3 A
1 A
±2%
±5%
±5%
50 mV
120 mV
50 mV
LPT25
5 V
15 V
-15 V
0.3 A
0.1 A
0 A
3 A
1.5 A
0.5 A
4 A
2 A
0.7 A
5 A
2 A
1 A
±2%
±5%
±5%
50 mV
150 mV
150 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. Minimum Loads are required.
5. (-T) indicates Terminal Block option for input and output (instead of Molex type).
6. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated
as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and
System Integrators, including through Distribution Channels. It is not intended for sale to End Users.
Power Derating Curve
Output
Power
(Watts)
0°C
10W
20W
30W
40W
10°C20°C30°C40°C50°C60°C70°C
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
20W
12.5W
25W
30 CFM Forced Air Cooling



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com