Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8515 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 2 Page - Analog Devices

  AD8515 Datasheet HTML 1Page - Analog Devices AD8515 Datasheet HTML 2Page - Analog Devices AD8515 Datasheet HTML 3Page - Analog Devices AD8515 Datasheet HTML 4Page - Analog Devices AD8515 Datasheet HTML 5Page - Analog Devices AD8515 Datasheet HTML 6Page - Analog Devices AD8515 Datasheet HTML 7Page - Analog Devices AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
AD8515–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VS/2
16mV
–40
∞C < TA < +125∞C8
mV
Input Bias Current
IB
VS = 1.8 V
2
30
pA
–40
∞C < TA < +85∞C
600
pA
–40
∞C < TA < +125∞C8
nA
Input Offset Current
IOS
110
pA
–40
∞C < TA < +125∞C
300
pA
Input Voltage Range
0
1.8
V
Common-Mode Rejection Ratio CMRR
0 V
£ VCM £ 1.8 V
50
dB
Large Signal Voltage Gain
AVO
RL = 100 k
W, 0.3 V £ VOUT £ 1.5 V
110
400
V/mV
Offset Voltage Drift
DVOS/DT4
mV/∞C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 100
mA, –40∞C < TA < +125∞C
1.79
V
IL = 750
mA, –40∞C < TA < +125∞C
1.77
V
Output Voltage Low
VOL
IL = 100
mA, –40∞C < TA < +125∞C10
mV
IL = 750
mA, –40∞C < TA < +125∞C30
mV
Short Circuit Limit
ISC
20
mA
POWER SUPPLY
Supply Current/Amplifier
ISY
VOUT = VS/2
300
450
mA
–40
∞C < TA < +125∞C
500
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
W
2.7
V/
ms
Gain Bandwidth Product
GBP
5
MHz
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
22
nV/
÷Hz
f = 10 kHz
20
nV/
÷Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/
÷Hz
(VS = 1.8 V, VCM = VS/2, TA = 25 C, unless otherwise noted.)
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com