Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE3000 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ADE3000
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ADE3000 Datasheet HTML 56Page - STMicroelectronics ADE3000 Datasheet HTML 57Page - STMicroelectronics ADE3000 Datasheet HTML 58Page - STMicroelectronics ADE3000 Datasheet HTML 59Page - STMicroelectronics ADE3000 Datasheet HTML 60Page - STMicroelectronics ADE3000 Datasheet HTML 61Page - STMicroelectronics ADE3000 Datasheet HTML 62Page - STMicroelectronics ADE3000 Datasheet HTML 63Page - STMicroelectronics ADE3000 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
Pattern Generator Block
ADE3XXX
60/88
2.17
Pattern Generator Block
The integrated Pattern Generator displays a set of graphic patterns to help debugging systems and
test LCD panels. It is located ahead of the color management block, all generated colors are subject
to further transforms.
The screen can be split into a programmable grid of up to 8x8 areas. One of two independent
programmable patterns are displayed in each area.
Screen Split
A set of eight Grid registers
grid0 - grid7, each with 8 bits, represents a block map of the grid (8x8
blocks). Each bit from the Grid registers represents one rectangular (gridX)x(gridY) block of pixels
which covers the LCD screen display area. Within these registers, a 0 selects Pattern 0 (defined
below) and a 1 selects Pattern 1.
All cells are the same size, defined by one horizontal and one vertical grid block size registers
gridX
and gridY.
TCON_X_55
0x0BB7
R/W
[7:0]
Input Selection for SRTD_27.B1
TCON_X_56
0x0BB8
R/W
[7:0]
Input Selection for SRTD_28.A1
TCON_X_57
0x0BB9
R/W
[7:0]
Input Selection for SRTD_28.B1
TCON_X_58
0x0BBA
R/W
[7:0]
Input Selection for SRTD_29.A1
TCON_X_59
0x0BBB
R/W
[7:0]
Input Selection for SRTD_29.B1
TCON_X_60
0x0BBC
R/W
[7:0]
Input Selection for SRTD_30.A1
TCON_X_61
0x0BBD
R/W
[7:0]
Input Selection for SRTD_30.B1
TCON_X_62
0x0BBE
R/W
[7:0]
Input Selection for SRTD_31.A1
TCON_X_63
0x0BBF
R/W
[7:0]
Input Selection for SRTD_31.B1
1. Refer to register TCON_X_O for definition.
Figure 7: Pattern Generator: Screen Split
Table 20: TCON Registers (Sheet 6 of 6)
Register Name
Addr.
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com