Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4208 Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4208
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4208 Datasheet(HTML) 2 Page - Analog Devices

  ADF4208 Datasheet HTML 1Page - Analog Devices ADF4208 Datasheet HTML 2Page - Analog Devices ADF4208 Datasheet HTML 3Page - Analog Devices ADF4208 Datasheet HTML 4Page - Analog Devices ADF4208 Datasheet HTML 5Page - Analog Devices ADF4208 Datasheet HTML 6Page - Analog Devices ADF4208 Datasheet HTML 7Page - Analog Devices ADF4208 Datasheet HTML 8Page - Analog Devices ADF4208 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
ADF4206/ADF4207/ADF4208–SPECIFICATIONS1(V
DD1 = VDD2 = 3 V
10%, 5 V
10%;
VDD1, VDD2
VP1, VP2
6.0 V; AGNDRF1 = DGNDRF1 = AGNDRF2 = DGNDRF2 = 0 V; TA = TMIN to TMAX unless otherwise noted, dBm referred to 50
.)
Parameter
B Version
B Chips
2
Unit
Test Conditions/Comments
RF/IF CHARACTERISTICS (3 V)
See Figure 2 for input circuit.
RF1 Input Frequency (RF1IN)
Use a square wave for frequencies lower than fMIN.
ADF4206
0.05/0.55
0.05/0.55
GHz min/max
ADF4207
0.08/1.1
0.08/1.1
GHz min/max
ADF4208
0.08/2.0
0.08/2.0
GHz min/max
RF Input Sensitivity
–15/+4
–15/+4
dBm min/max
IF Input Frequency (RF2IN)
ADF4206
0.05/0.55
0.05/0.55
GHz min/max
ADF4207/ADF4208
0.08/1.1
0.08/1.1
GHz min/max
IF Input Sensitivity
–15/+4
–15/+4
dBm min/max
Maximum Allowable Prescaler Output
165
165
MHz max
Frequency
3
RF CHARACTERISTICS (5 V)
RF1 Input Frequency (RF1IN)
Use a square wave for frequencies lower than fMIN.
ADF4206
0.05/0.55
0.05/0.55
GHz min/max
ADF4207
0.08/1.1
0.08/1.1
GHz min/max
ADF4208
0.08/2.0
0.08/2.0
GHz min/max
RF Input Sensitivity
–10/+4
–10/+4
dBm min/max
IF Input Frequency (RF2IN)
MHz min/max
ADF4206
0.05/0.55
0.05/0.55
GHz min/max
ADF4207/ADF4208
0.08/1.1
0.08/1.1
GHz min/max
IF Input Sensitivity
–10/+4
–10/+4
dBm min/max
Maximum Allowable Prescaler Output
200
200
MHz max
Frequency
3
REFIN CHARACTERISTICS
REFIN Input Frequency
5/40
5/40
MHz min/max
For f < 5 MHz Use Square Wave 0 to VDD
REFIN Input Sensitivity
4
–2
–2
dBm min
AC-Coupled. When DC-Coupled,
0 to VDD Max (CMOS-Compatible)
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR
Phase Detector Frequency
5
55
55
MHz max
CHARGE PUMP
ICP Sink/Source
High Value
5
5
mA typ
Low Value
1.25
1.25
mA typ
Absolute Accuracy
2.5
2.5
% typ
ICP Three-State Leakage Current
1
1
nA typ
LOGIC INPUTS
VINH, Input High Voltage
0.8
× V
DD
0.8
× V
DD
V min
VINL, Input Low Voltage
0.2
× V
DD
0.2
× V
DD
V max
IINH/IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
VDD – 0.4
VDD – 0.4
V min
IOH = 500
µA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500
µA
POWER SUPPLIES
VDD1
2.7/5.5
2.7/5.5
V min/V max
VDD2VDD1VDD1
VP
VDD1/6.0
VDD1/6.0
V min/V max
VDD1, VDD2
VP1, VP2
6.0 V
IDD (IDD1 + IDD2)
6
ADF4206
14
14
mA max
9.5 mA Typical at VDD = 3 V, TA = 25
°C
ADF4207
16.5
16.5
mA max
11 mA Typical at VDD = 3 V, TA = 25
°C
ADF4208
21
21
mA max
14 mA Typical at VDD = 3 V, TA = 25
°C
IDD1
ADF4206
8
8
mA max
5.5 mA Typical at VDD = 3 V, TA = 25
°C
ADF4207
9
9
mA max
6 mA Typical at VDD = 3 V, TA = 25
°C
ADF4208
14
14
mA max
9 mA Typical at VDD = 3 V, TA = 25
°C
IDD2
ADF4206
7.5
7.5
mA max
5 mA Typical at VDD = 3 V, TA = 25
°C
ADF4207
8.5
8.5
mA max
5.5 mA Typical at VDD = 3 V, TA = 25
°C
ADF4208
9
9
mA max
5.5 mA Typical at VDD = 3 V, TA = 25
°C
IP (IP1 + IP2)
1
1
mA max
TA = 25
°C
Low-Power Sleep Mode
0.5
0.5
µA typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com