Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q132 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q132
Description  16-bit micro controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q132 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q132 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
FEDL620Q130-02
ML620Q131/2/3/4/5/6
2/33
· Timers
‒ 8 bits x 10 ch (16-bit configuration available)
‒ Continuous timer mode/one-shot timer mode
‒ Timer start/stop function by software/external trigger input
· PWM
‒ Resolution 16 bits x 1 ch
‒ Continuous PWM mode/one-shot PWM mode
‒ PWM start/stop function by software/external trigger input
· Synchronous serial port
‒ Master/slave selectable
‒ LSB first/MSB first selectable
‒ 8-bit length/16-bit length selectable
‒ Operation in the SPI mode 0/3
‒ Overflow detection function
· UART
‒ Full-duplex communication x 1 ch
‒ Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
‒ Positive logic/negative logic selectable
‒ Internal baud rate generator
· I2C bus interface
‒ Master x 1ch
Standard mode (100 kbit/s) and fast mode (400 kbit/s) are supported
‒ Slave x 1ch
Standard mode (100 kbit/s) and fast mode (400 kbit/s) are supported
· Successive approximation type A/D converter
‒ 10-bit A/D converter
‒ ML620Q131/ ML620Q132/ ML620Q133 : Input 6 ch
‒ ML620Q134/ ML620Q135/ML620Q136 : Input 8 ch
· Analog Comparator
‒ Operation voltage range: VDD = 1.8 to 5.5 V
‒ Hysteresis width (only comparator 0): 20 mV (Typ.)
‒ Interrupts allow edge selection and sampling selection
· DUTY measurement circuit
‒ DUTY ratio measurement by inputting PWM signals with frequencies from 2 KHz to 64 KHz
‒ DUTY measurement interrupt: 4 types selectable (64 µs, 0.51 ms, 1.09 ms, 2.18 ms)
· General-purpose ports (including secondary functions)
‒ Input-only port
1 ch (including secondary functions, also used by the on-chip debug pin)
‒ I/O port
ML620Q131/ML620Q132/ML620Q133: 10 ch (including secondary functions)
ML620Q134/ML620Q135/ML620Q136: 14 ch (including secondary functions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com