Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q134 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q134
Description  16-bit micro controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q134 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q134 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
FEDL620Q130-02
ML620Q131/2/3/4/5/6
21/33
DC Characteristics Conditions (4/5)
(VDD=1.6 to 5.5V, VSS =0V, Ta=-40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
circuit
Output voltage 1
(PA0 to PA1)
(PA3 to PA6)*
(PB0 to PB7)
VOH1
IOH1 =
-0.5mA
VDD
-0.5
―
―
V
2
VOL1
IOL1 = +0.5mA
―
―
0.5
Output voltage 2
(PA0)
(PB7)
VOL2
When N-channel
open drain output
mode is selected
IOL2 = +10mA
VDD ³ 5.0V
―
―
0.5
IOL2 = +8mA
VDD ³ 3.0V
―
―
0.5
IOL3 = +3mA
VDD ³ 2.0V
―
―
0.4
IOL3 = +2mA
2.0V > VDD ³ 1.8V
―
―
VDD*
0.2
Output leakage
current
(PA0 to PA1)
(PA3 to PA6)*
(PB0 to PB7)
IOOH
VOH = VDD
(in high-impedance state)
―
―
1
mA
3
IOOL
VOL = VSS
(in high-impedance state)
-1
―
―
Input current 1
(RESET_N)
IIH1
VIH1 = VDD
―
―
1
4
IIL1
VIL1 = VSS
-1
―
―
Input current 2
(TEST1_N)
IIH2
VIH2 = VDD
―
―
1
IIL2
VIL2 = VSS
-1500
-300
-20
Input current 3
(PA0 to PA1)
(PA2/TEST0)
(PA3 to PA6)*
(PB0 to PB7)
IIH3
VIH3 = VDD (when pulled down)
2
30
250
IIL3
VIL3 = VSS (when pulled up)
-250
-30
-2
IIH3Z
VIH3 = VDD
(in high-impedance state)
―
―
1
IIL3Z
VIL3 = VSS
(in high-impedance state)
-1
―
―
* : ML620Q131/ ML620Q132/ ML620Q133 do not have the peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com