Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB05F Datasheet(PDF) 1 Page - Dc Components

Part # MB05F
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MB05F Datasheet(HTML) 1 Page - Dc Components

  MB05F Datasheet HTML 1Page - Dc Components MB05F Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SURFACEMOUNTGLASS PASSIVATED BRIDGERECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 0.8 Ampere
FEATURES
*High surge current capability
* Ideal for printed circuit board
* Glass passivated junction
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Case: Molded plastic
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Weight: 0.08 gram
Dimensions in inches and (millimeters)
MB05F
THRU
MB10F
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
SYMBOL
VRRM
VDC
VRMS
Volts
Volts
Amps
UNITS
Volts
MB05F
MB1F
MB2F
MB4F
MB6F
MB8F
MB10F
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
IFSM
25
Amps
DC Blocking Voltage per element
VF
IR
1.1
100
pF
Maximum DC Forward Voltage Drop per Bridge Element at 0.8A DC
Volts
5.0
Maximum Reverse Current at rated
IO
0.8
Operating and Storage Temperature Range
T J,TSTG
-50 to + 150
Maximum Average Forward Output Current at TA = 50
(Note 1)
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
@TA = 25
oC
@TA = 125
oC
Typical Junction Capacitance ( Note 2)
CJ
13
µAmps
95
0
C/W
R
θJA
Typical Thermal Resistance (Note 3)
0
C
www.dccomponents.com
1
NOTES: 1. Mounted on P.C. board with 4x(5x5mm ) copper pad.
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to ambient.
2
MBF
.106(2.7)
.090(2.3)
SPACING
.275(7.0)MAX.
.043(1.1)
.020(0.5)
.067(1.7)
.057(1.3)
.106(2.7)
.090(2.3)
.165(4.2)
.142(3.6)
.012(0.3)
.004(0.1)
.031(0.8)
.019(0.5)
.063(1.6)
.047(1.2)
.008(.02)
.197(5.0)
.177(4.5)


Similar Part No. - MB05F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB05F PFS-MB05F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB05F LUGUANG-MB05F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB05F FORMOSA-MB05F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB05F JUXING-MB05F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB05F

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com