Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB05S Datasheet(PDF) 2 Page - Dc Components

Part # MB05S
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MB05S Datasheet(HTML) 2 Page - Dc Components

  MB05S Datasheet HTML 1Page - Dc Components MB05S Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES ( MB05S THRU MB10S )
AMBIENT TEMPERATURE, C
O
PERCENTAGE OF PEAK REVERSE VOLTAGE, %
T=
C
J
125
O
T=25 C
J
O
0.1
0
1.0
10
100
20
60
40
80
100 120
140
FIG.4
TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0.01
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10
FIG.3
TYPICAL FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
FIG. 5
TYPICAL JUNCTION CAPACITANCE
1
2
4
6
10
20
40
100
2
4
10 20
40
60
100
1
0.4
0.2
0.1
TJ = 25OC
1
10
20
30
40
50
2
5
10
20
50
100
FIG.2
MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
20
40
60
80
100
120
140
160
0.2
0.6
0.8
0.4
FIG.1
FORWARD CURRENT DERATING CURVE
www.dccomponents.com
2
REV-1,FEBRUARY,2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com