Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMB2F Datasheet(PDF) 1 Page - Dc Components

Part # RMB2F
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

RMB2F Datasheet(HTML) 1 Page - Dc Components

  RMB2F Datasheet HTML 1Page - Dc Components RMB2F Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Case: Molded plastic
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Weight: 0.12 gram
Dimensions in inches and (millimeters)
RMB2F
THRU
RMB6F
www.dccomponents.com
1
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY BRIDGE RECTIFIER
VOLTAGE RANGE - 200 to 600 Volts
CURRENT - 0.5 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Volts
Volts
Amps
UNITS
Volts
RMB2F
RMB4F
RMB6F
200
400
600
140
280
420
200
400
600
25
Amps
DC Blocking Voltage per element
1.3
Maximum DC Forward Voltage Drop per Bridge Element at 0.5A DC
Volts
Maximum Reverse Current at rated
0.5
Operating and Storage Temperature Range
-50 to + 150
Maximum Average Forward Output Current at TA=30
(Note 1)
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
µAmps
70
0
C/W
Typical Thermal Resistance (Note 2)
0
C
5.0
100
@TA = 25
oC
@TA = 125
oC
T J,TSTG
SYMBOL
VRRM
VDC
VRMS
IFSM
VF
IR
IO
R
θJA
Maximum Reverse Recovery Time (Note 3)
trr
150
nS
NOTES: 1. Mounted on P.C. board with 4x(5x5mm ) copper pad.
2. Thermal resistance junction to ambient.
3. Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A.
4. Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
2
MBFL
.106(2.7)
.090(2.3)
.236(6.0)
.220(5.6)
.043(1.1)
.020(0.5)
.016(0.4)
.006(0.1)
.004(0.1)
MAX.
.276(7.0)
.260(6.6)
.035(0.9)
.020(0.5)
.063(1.6)
.047(1.2)
.197(5.0)
.181(4.6)
* ldeal for surface mounted applications
* Low leakage current
* Glass passivated junction
* Low profile package
* Low forward voltage drop
* High surge capability
250


Similar Part No. - RMB2F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
RMB2F JUXING-RMB2F Datasheet
670Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
RMB2F DYELEC-RMB2F Datasheet
2Mb / 3P
PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RMB2F ZSELEC-RMB2F Datasheet
88Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
RMB2F CHENDA-RMB2F Datasheet
292Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB2F CHENDA-RMB2F Datasheet
558Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - RMB2F

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com