Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS384X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS384X
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS384X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS384X Datasheet HTML 1Page - List of Unclassifed Manufacturers AS384X Datasheet HTML 2Page - List of Unclassifed Manufacturers AS384X Datasheet HTML 3Page - List of Unclassifed Manufacturers AS384X Datasheet HTML 4Page - List of Unclassifed Manufacturers AS384X Datasheet HTML 5Page - List of Unclassifed Manufacturers AS384X Datasheet HTML 6Page - List of Unclassifed Manufacturers AS384X Datasheet HTML 7Page - List of Unclassifed Manufacturers AS384X Datasheet HTML 8Page - List of Unclassifed Manufacturers AS384X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
ASTEC Semiconductor
AS384x
Current Mode Controller
Features
¥ 2.5 V bandgap reference trimmed to
1.0% and temperature-compensated
¥ Standard temperature range extended
to 105¡C
¥ AS3842/3 oscillations trimmed for
precision duty cycle clamp
¥ AS3844/5 have exact 50% max duty
cycle clamp
¥ Advanced oscillator design simplifies
synchronization
¥ Improved specs on UVLO and
hysteresis provide more predictable
start-up and shutdown
¥ Improved 5 V regulator provides better
AC noise immunity
¥ Guaranteed performance with current
sense pulled below ground
Description
The AS3842 family of control ICs provide pin-for-pin replacement of the
industry standard UC3842 series of devices. The devices are
redesigned to provide significantly improved tolerances in power sup-
ply manufacturing. The 2.5 V reference has been trimmed to 1.0%
tolerance. The oscillator discharge current is trimmed to provide guar-
anteed duty cycle clamping rather than specified discharge current.
The circuit is more completely specified to guarantee all parameters
impacting power supply manufacturing tolerances.
In addition, the oscillator and flip-flop sections have been enhanced to
provide additional performance. The RT/CT pin now doubles as a syn-
chronization input that can be easily driven from open collector/open
drain logic outputs. This sync input is a high impedance input and can
easily be used for externally clocked systems. The new flip-flop topol-
ogy allows the duty cycle on the AS3844/5 to be guaranteed between
49 and 50%. The AS3843/5 requires less than 0.5 mA of start-up cur-
rent over the full temperature range.
SEMICONDUCTOR
Pin Configuration Ñ Top view
14L SOIC (D14)
8L SOIC (D8)
1
2
3
4
8
7
6
5
V
REG
V
CC
OUT
GND
COMP
V
FB
I
SENSE
R
T/CT
V
REG
NC
V
CC
V
C
COMP
NC
V
FB
OUT
PWR G
GND
I
SENSE
NC
R
T/CT
NC
PDIP (N)
V
REG
V
CC
OUT
GND
COMP
V
FB
I
SENSE
R
T/CT
1
2
3
4
8
7
6
5
1
2
3
5
6
7
4
14
13
12
11
10
9
8
Circuit Type:
Current Mode Controller (See Table A)
Package Style
D8 =
D14 =
N =
8
14
8
Pin Plastic SOIC
Pin Plastic SOIC
Pin Plastic DIP
AS384X
D8
13
Packaging Option:
T
13
= Tube
= Tape and Reel (13" Reel Dia)
Ordering Information
Table A
Duty Cycle
Model
V
CC(min)
V
CC(on)
Typ.
I
CC
AS3842
10
16
97%
0.5 mA
AS3843
7.6
8.4
97%
0.3 mA
AS3844
10
16
49.5%
0.5 mA
AS3845
7.6
8.4
49.5%
0.3 mA


Similar Part No. - AS384X

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
AS38-H39E-B06S BOARDCOM-AS38-H39E-B06S Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
AS38-H39E-B12S BOARDCOM-AS38-H39E-B12S Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
AS38-H39E-B13S BOARDCOM-AS38-H39E-B13S Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
More results

Similar Description - AS384X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
List of Unclassifed Man...
AS2842 ETC-AS2842 Datasheet
94Kb / 20P
Current Mode Controller
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com