Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2214 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AS2214
Description  Primary Side PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2214 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AS2214 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2214 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Primary Side PWM Controller
AS2214
89
ASTEC Semiconductor
Electrical Characteristics (cont’d)
Electrical Characteristics are guaranteed over full junction temperature range (0 to 105
° C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. Unless otherwise specified, the conditions of test are VCC = 15 V;
BOK = 3 V; OV = 0V; RT = 680
Ω; CT = 10 nF. To override UVLO, VCC should be raised above 18 V prior to test.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Housekeeping
BOK UV Threshold
VBOK UV
VREG = 5 V
2.500
2.537
2.575
V
BOK UV Hysteresis Current
IHYST BOK
VBOK = 2.6 V
42
50
58
µA
BOK Input Bias Current
IOFF BOK
VBOK = 2.4 V
0.1
1.0
µA
OV Threshold
VOV
2.50
2.80
3.10
V
OV Clear Threshold
VOVH
3.80
4.00
4.50
V
OV Reset Threshold
VOVL
1.10
1.75
2.20
V
OV Bias Current
IBIAS OV
VREG = 5 V, VOV
≤ OV Threshold
-1
-0.2
1
µA
* For Vov > OV Reset Threshold,
see characteristic curve
ACP Voltage
VACP
IACP = 10
µA
1.3
V
ACP Voltage
VACP
IACP = -10
µA
-1.2
V
LEN Charge Current
ILEN
IACP = 10
µA; VLEN = 0 V
-30
-45
-65
µA
LEN Charge Current
ILEN
IACP = -10
µA; VLEN = 0 V
-30
-50
-65
µA
Minimum Voltage for LEN
VLEN MIN
3.6
4.5
V
Functionality
LEN Logic Reset Voltage
VLEN
This level reflects one diode drop of
3.0
V
hysteresis from VLEN min
LEN Regeneration Current
ILENrgn
-10
µA
LEN Clamp
VLEN
IACP = 5
µA
5.2
5.9
6.6
V
LEN Bias Current
IBIAS LEN
VLEN = 5 V, IACP = 0
µA8
µA
* For LEN input current over full
range, see characteristic curve.
Current Sense Comparator
Transfer Gain
AVISNS
-0.2
≤ VISNS ≤ 0.8 V
2.85
3.00
3.15
V/V
ISNS Level Shift
VLS
VISNS = 0 V
1.50
V
Maximum Input Signal
VCOMP =+5 V
1.00
1.08
1.20
V
Power Supply Rejection Ratio
PSRR
12
≤ VCC ≤ 18 V
70
dB
Input Bias Current
IBIAS
-1
-10
µA
Propagation Delay to Output
tPB
85
150
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com