Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2523 Datasheet(PDF) 11 Page - ams AG

Part # AS2523
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523 Datasheet(HTML) 11 Page - ams AG

Back Button AS2523 Datasheet HTML 7Page - ams AG AS2523 Datasheet HTML 8Page - ams AG AS2523 Datasheet HTML 9Page - ams AG AS2523 Datasheet HTML 10Page - ams AG AS2523 Datasheet HTML 11Page - ams AG AS2523 Datasheet HTML 12Page - ams AG AS2523 Datasheet HTML 13Page - ams AG AS2523 Datasheet HTML 14Page - ams AG AS2523 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Revision 1.12, Preliminary
Page 11 of 19
Parallel Interface on AS2524 and AS2524B
Input Signal on Pin
XPD
xMute
HF
Mode
0
0
0
Power down
0
0
1
Power down
0
1
0
Power down
0
1
1
Power down
1
0
0
Tone mode
1
0
1
Tone mode
110
Handset mode
1
1
1
Handsfree mode
Power down mode
For low power consumption the analog part is turned off during activated power down mode. The Power down mode is used
during Flash and Pulse dialing and for On-hook operation.
Handset mode
Speech mode is Handset mode (M1-M2, RO active; LO deactivated)
Parameter
AS2524
AS2524B
LI Voltage
4.5V
4.5V
LLC
No LLC
LLC high (45mA to 75mA)
TX-Gain
+37dB
+43dB
RX-Gain
+7.5dB
+7.5dB
Rx-Softclip
Off
Off
Tx-Softclip
Off
Off
Tone
Off
Off
Handsfree mode
Speech mode is Handsfree mode (M3-M4, RO active; LO active)
Parameter
AS2524
AS2524B
LI Voltage
4.5V
4.5V
LLC
No LLC
LLC high (45mA to 75mA)
HF TX-Gain
+46dB
+52dB
HF RX-Gain
+34dB
+34dB
Rx-Softclip
Off
Off
Tx-Softclip
Off
Off
Tone
Off
Off
BNM
On
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com