Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3843 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AS3843
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3843 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AS3843 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
ASTEC Semiconductor
The current sense comparatorÕs inverting input is
internally clamped to a level of 1.0 V to provide a
current limit (or power limit for multiple output
supplies) function. The value of R
S is selected to
produce 1.0 V at the maximum allowed current.
For example, if 1.5 A is the maximum allowed
peak inductor current, then R
S is selected to
equal 1 V/1.5 A = 0.66 ½. In high power applica-
tions, power dissipation in the current sense
resistor may become intolerable. In such a case,
a current transformer can be used to step down
the current seen by the sense resistor. See
Figure 21.
1.6 Output (OUT)
The output stage of the AS3842 is a high current
totem-pole configuration that is well suited for
directly driving power MOSFETs. It is capable of
sourcing and sinking up to 1 A of peak current.
Cross conduction losses in the output stage have
been minimized resulting in lower power dissipa-
tion in the device. This is particularly important
for high frequency operation. During under-
voltage shutdown conditions, the output is active
low. This eliminates the need for an external pull-
down resistor.
1.7 Over-temperature shutdown
The AS3842 has a built-in over-temperature
shutdown which will limit the die temperature to
130¡C typically. When the over-temperature con-
dition is reached, the oscillator is disabled. All
other circuit blocks remain operational. There-
fore, when the oscillator stops running, output
pulses terminate without losing control of the
supply or losing any peripheral functions that
may be running off the 5 V regulator. The output
may go high during the final cycle, but the PWM
AS384x
Current Mode Controller
Ð
+
Ð
+
FF
S
R
5 V REG
2R
R
RS
COMP
AS3842/3/4/5
ERROR AMP
2.5 V
VFB
1 V
1
2
3
RT/CT
4
VS
R
C
Leading Edge Filter
CLOCK
PWM
COMPARATOR
VE
VREG
VCC
OUTPUT
8
7
6
5
GND
CURRENT
SENSE
CLOCK
OUTPUT
VE
VS
IS
PRI
SEC
VIN
PWM LOGIC
Figure 20. Current Sense/PWM Latch Circuit and Waveforms
RS
VS =
RS
IS
VS
N:1
IS
N
Figure 21. Optional Current Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com