Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM146 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM146
Description  Programmable Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM146 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM146 Datasheet HTML 1Page - National Semiconductor (TI) LM146 Datasheet HTML 2Page - National Semiconductor (TI) LM146 Datasheet HTML 3Page - National Semiconductor (TI) LM146 Datasheet HTML 4Page - National Semiconductor (TI) LM146 Datasheet HTML 5Page - National Semiconductor (TI) LM146 Datasheet HTML 6Page - National Semiconductor (TI) LM146 Datasheet HTML 7Page - National Semiconductor (TI) LM146 Datasheet HTML 8Page - National Semiconductor (TI) LM146 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM146/LM346
Programmable Quad Operational Amplifiers
General Description
The LM146 series of quad op amps consists of four indepen-
dent, high gain, internally compensated, low power, pro-
grammable amplifiers. Two external resistors (R
SET) allow
the user to program the gain bandwidth product, slew rate,
supply current, input bias current, input offset current and in-
put noise. For example, the user can trade-off supply current
for bandwidth or optimize noise figure for a given source re-
sistance. In a similar way, other amplifier characteristics can
be tailored to the application. Except for the two program-
ming pins at the end of the package, the LM146 pin-out is
the same as the LM124 and LM148.
Features
(I
SET=10 µA)
n Programmable electrical characteristics
n Battery-powered operation
n Low supply current:
350 µA/amplifier
n Guaranteed gain bandwidth product:
0.8 MHz min
n Large DC voltage gain:
120 dB
n Low noise voltage:
28
n Wide power supply range:
±1.5V to ±22V
n Class AB output stage–no crossover distortion
n Ideal pin out for Biquad active filters
n Input bias currents are temperature compensated
Connection Diagram
PROGRAMMING EQUATIONS
Total Supply Current = 1.4 mA (I
SET/10 µA)
Gain Bandwidth Product = 1 MHz (I
SET/10 µA)
Slew Rate = 0.4V/µs (I
SET/10 µA)
Input Bias Current
≅ 50 nA (I
SET/10 µA)
I
SET = Current into pin 8, pin 9 (see schematic-diagram)
Dual-In-Line Package
DS005654-1
Top View
Order Number LM146J, LM146J/883,
LM346M or LM346N
See NS Package Number
J16A, M16A or N16A
May 1999
© 1999 National Semiconductor Corporation
DS005654
www.national.com


Similar Part No. - LM146

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
LM146 STMICROELECTRONICS-LM146 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
logo
Texas Instruments
LM146 TI1-LM146 Datasheet
1Mb / 24P
Programmable Quad Operational Amplifiers
logo
STMicroelectronics
LM146D STMICROELECTRONICS-LM146D Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
LM146N STMICROELECTRONICS-LM146N Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
More results

Similar Description - LM146

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
Quad Operational Amplifiers
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146_03 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
logo
Unisonic Technologies
LM324 UTC-LM324_11 Datasheet
210Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2011
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM346 NSC-LM346 Datasheet
1Mb / 24P
LM146/LM346 Programmable Quad Operational Amplifiers
logo
Unisonic Technologies
LM324 UTC-LM324_15 Datasheet
247Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2014
logo
Texas Instruments
LM146 TI1-LM146_15 Datasheet
1Mb / 24P
Programmable Quad Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com