Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT101-M Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LPT101-M
Description  Total Power: 80 - 130 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPT101-M Datasheet(HTML) 3 Page - Artesyn Technologies

  LPT101-M Datasheet HTML 1Page - Artesyn Technologies LPT101-M Datasheet HTML 2Page - Artesyn Technologies LPT101-M Datasheet HTML 3Page - Artesyn Technologies LPT101-M Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LPT100-M Series Data Sheet
Ordering Information
Model Number Output Voltage Minimum
Load
Maximum Load with
Convection Cooling
Maximum Load with
30CFM Forced Air
Peak Load
Regulation2
Ripple
P/P (PARD)3
LPT101-M
+3.3 V
0 A
13 A
18 A
20 A
±2%
50 mV
+5 V
0 A
5 A
9 A
10 A
±5%
50 mV
+12 V
0 A
1 A
2.3 A
2.3 A
±5%
120 mV
LPT102-M
+5 V
0 A
13 A
18 A
20 A
±2%
50 mV
+12 V
0 A
5 A
9 A
10 A
±5%
120 mV
-12 V
0 A
1 A
2 A
2 A
±5%
120 mV
LPT103-M
+5 V
0 A
13 A
18 A
20 A
±2%
50 mV
+15 V
0 A
4 A
7.2 A
8 A
±5%
150 mV
-15 V
0 A
1 A
1.5 A
2 A
±5%
150 mV
LPT104-M
+5 V
0 A
13 A
18 A
20 A
±2%
50 mV
+24 V
0 A
1.5 A
3 A
3.5 A
±7%
240 mV
+12 V
0 A
1 A
2.3 A
2.3 A
±5%
120 mV
1. Peak current lasting < 15 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 mHz bandwidth and 10 µF (tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated
as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and
System Integrators, including through Distribution Channels. It is not intended for sale to End Users.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com