Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7A2 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT91SAM7A2
Description  ARM Thumb - based Microcontrollers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT91SAM7A2 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
AT91SAM7A2 - Summary
6021AS–ATARM–03/04
•
Automatic Reply After Receive a Remote Frame
•
Time Stamp on Each Transfer
•
Multicast Reception with Time Synchronization
•
Continuous Reception Mode
GPT: General
Purpose Timer
The AT91SAM7A2 features four General Purpose Timers. Each timer can be independently
programmed to perform a wide range of functions including frequency measurement, event
counting, interval measurement, pulse generation, delay timing and pulse width modulation.
Each General Purpose Timer has one external clock input, five internal clock inputs, and three
multi-purpose input/output signals which can be configured by the user. Each timer drives an
internal interrupt signal which can be programmed to generate processor interrupts via the
AIC (Advanced Interrupt Controller).
Three General Purpose Timers are grouped in the same block. This block has two global reg-
isters which act upon all three GPTs. The Block Control Register allows the three timers to be
started simultaneously with the same instruction. The Block Mode Register defines the exter-
nal clock inputs for each timer, allowing them to be chained.
ST: Simple Timer
Simple Timers provide basic functions for timing calculation. Each channel of this timer has a
specific prescalar and a 16-bit counter. The prescalar defines the clock frequency of the chan-
nel counter. The 16-bit counter starts down-counting when a value different than zero is
loaded. An interrupt is generated when the counter is null.
CAPT: Capture
Module
The capture module is a frame analyzer. It stores the period of time between two edges of a
signal in a register. This period is described as a number of counter cycles. The capture allows
data transfers with the PDC.
PWM: Pulse Width
Modulation
The AT91SAM7A2 includes four PWM channels. Each channel can generate pulses. The fre-
quency and the duty cycle of each channel can be configured.
WT: Watch Timer
The watch timer provides a seconds counter and an alarm function. The alarm register has a
resolution of 30.5 µs. This allows a 32-bit register to have sufficient range to cater for a 24 or
36 hour period.
WD: Watch Dog
The AT91SAM7A2 has an internal watchdog which can be used to prevent system lock-up if
the software becomes trapped in a deadlock.
SFM: Special
Function Module
The AT91SAM7A2 provides registers which implement the following special functions.
•
Chip Identification
•
RESET Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com