Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S40D45CL Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # S40D45CL
Description  Switchmode Dual Schottky Barrier Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S40D45CL Datasheet(HTML) 1 Page - Mospec Semiconductor

  S40D45CL Datasheet HTML 1Page - Mospec Semiconductor S40D45CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
S40D45CL
Switchmode Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with high temperature operation metal.
The properitary barrier technology allows for reliable operation up to 150℃
junction temperature. Typical application are in switching Mode Power
Supplies such as adaptators, Photovoltaic Solar cell protection,free-
wheeling and polarity protection diodes.
Features
*
Ultra Low Forward Voltage.
*
Low Switching noise.
*
High Current Capacity
*
Low Power Loss & High efficiency.
*
150℃ Operating Junction Temperature
*
Low Stored Charge Majority Carrier Conduction.
*
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
*In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
40 AMPERES
45VOLTS
MAXIMUM RATINGS
Characteristic
Symbol
S40D45CL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
RMS Reverse Voltage
VR(RMS)
31.5
V
Average Rectifier Forward Current
(per diode)
Total Device (Rated VR), TC=100℃
IF(AV)
20
40
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
40
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
300
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +150
℃
TO-3P
MILLIMETERS
DIM
MIN
MAX
A
20.63
22.38
B
15.38
16.20
C
1.90
2.70
D
5.10
6.10
E
14.81
15.22
F
11.72
12.84
G
4.20
4.50
H
1.82
2.46
I
2.92
3.23
J
0.89
1.53
K
5.26
5.66
L
18.50
21.50
M
4.68
5.36
N
2.40
2.80
O
3.25
3.65
P
0.55
THERMAL RESISTANCES
Maximum Thermal Resistance junction to case
Rθ j-c
3.0
℃
/w
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
S40D45CL
Unit
Maximum Instantaneous Forward Voltage ( per diode )
Min
Typ.
Max.
( IF =0.1 Amp TC = 25℃)
---
0.22
0.26
( IF =10 Amp TC = 25℃)
---
0.41
0.45
( IF =20 Amp TC = 25℃)
VF
---
0.48
0.52
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
0.5
( Rated DC Voltage, TC = 100℃)
IR
50
mA
0.70


Similar Part No. - S40D45CL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S40D45C WTE-S40D45C Datasheet
56Kb / 4P
40A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
logo
Mospec Semiconductor
S40D45CE MOSPEC-S40D45CE Datasheet
180Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - S40D45CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBR1060CL MOSPEC-MBR1060CL Datasheet
150Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
MBR2060CL MOSPEC-MBR2060CL Datasheet
194Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
SBL1060CL MOSPEC-SBL1060CL Datasheet
152Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
SBL3060CL MOSPEC-SBL3060CL Datasheet
152Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
MBR1060CT MOSPEC-MBR1060CT Datasheet
131Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
S10T100CB MOSPEC-S10T100CB Datasheet
139Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
S10T100FB MOSPEC-S10T100FB Datasheet
139Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
S10T150C MOSPEC-S10T150C Datasheet
139Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
S20T120F MOSPEC-S20T120F Datasheet
140Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
S30T80C MOSPEC-S30T80C Datasheet
135Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com