Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM146J Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM146J
Description  Programmable Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM146J Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM146J Datasheet HTML 4Page - National Semiconductor (TI) LM146J Datasheet HTML 5Page - National Semiconductor (TI) LM146J Datasheet HTML 6Page - National Semiconductor (TI) LM146J Datasheet HTML 7Page - National Semiconductor (TI) LM146J Datasheet HTML 8Page - National Semiconductor (TI) LM146J Datasheet HTML 9Page - National Semiconductor (TI) LM146J Datasheet HTML 10Page - National Semiconductor (TI) LM146J Datasheet HTML 11Page - National Semiconductor (TI) LM146J Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Application Hints (Continued)
Input Capacitance: The input capacitance, C
IN,ofthe
LM146 is approximately 2 pF; any stray capacitance, C
S,
(due to external circuit circuit layout) will add to C
IN. When
resistive or active feedback is applied, an additional pole is
added to the open loop frequency response of the device.
For instance with resistive feedback (
Figure 2), this pole oc-
curs at 1⁄2
π (R1||R2) (C
IN +CS). Make sure that this pole oc-
curs at least 2 octaves beyond the expected −3 dB fre-
quency corner of the closed loop gain of the amplifier; if not,
place a lead capacitor in the feedback such that the time
constant of this capacitor and the resistance it parallels is
equal to the R
I(CS +CIN), where RI is the input resistance of
the circuit.
Temperature Effect on the GBW: The GBW (gain band-
width product), of the LM146 is directly proportional to I
SET
and inversely proportional to the absolute temperature.
When using resistors to set the bias current, I
SET, of the de-
vice, the GBW product will decrease with increasing tem-
perature. Compensation can be provided by creating an I
SET
current directly proportional to temperature (see typical ap-
plications).
Isolation Between Amplifiers: The LM146 die is isother-
mally layed out such that crosstalk between
all 4 amplifiers is
in excess of −105 dB (DC). Optimum isolation (better than
−110 dB) occurs between amplifiers A and D, B and C; that
is, if amplifier A dissipates power on its output stage, ampli-
fier D is the one which will be affected the least, and vice
versa. Same argument holds for amplifiers B and C.
LM146 Typical Performance Summary: The LM146 typical
behaviour is shown in
Figure 3. The device is fully predict-
able. As the set current, I
SET, increases, the speed, the bias
current, and the supply current increase while the noise
power decreases proportionally and the V
OSremains con-
stant. The usable GBW range of the op amp is 10 kHz to
3.5−4 MHz.
Low Power Supply Operation: The quad op amp operates
down to ±1.3V supply. Also, since the internal circuitry is bi-
ased through programmable current sources, no degrada-
tion of the device speed will occur.
Speed vs Power Consumption: LM146 vs LM4250 (single
programmable). Through
Figure 4, we observe that the
LM146’s power consumption has been optimized for GBW
products above 200 kHz, whereas the LM4250 will reach a
GBW of no more than 300 kHz. For GBW products below
200 kHz, the LM4250 will consume less power.
DS005654-9
FIGURE 2.
DS005654-8
FIGURE 3. LM146 Typical Characteristics
DS005654-10
FIGURE 4. LM146 vs LM4250
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com