Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL2.4 Datasheet(PDF) 2 Page - General Semiconductor

Part # LL2.4
Description  Voltage Stabilizers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LL2.4 Datasheet(HTML) 2 Page - General Semiconductor

  LL2.4 Datasheet HTML 1Page - General Semiconductor LL2.4 Datasheet HTML 2Page - General Semiconductor LL2.4 Datasheet HTML 3Page - General Semiconductor LL2.4 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
LL1.5 THRU LL2.4
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage at IF = 10 mA
VF
––1.1
V
Temperature Coefficient of the stabilized voltage
at IZ = 5 mA
LL1.5, LL2
LL2.4
αVZ
αVZ
–
–
–26
–34
–
–
10–4/K
10–4/K
Thermal Resistance Junction to Ambient Air
RthJA
––0.41)
K/mW
1) Valid provided that electrodes are kept at ambient temperature.
Type
Operating
voltage
at IZ = 5 mA
1)
VZ V
Dynamic
resistance
at IZ = 5 mA
rzj Ω
Permissible
operating current
at Tamb = 25 °C
2)
IZ max. mA
LL1.5
1.35 … 1.55
13 (< 20)
120
LL2
2.0 … 2.3
18 (< 30)
120
LL2.4
2.2 … 2.56
14 (< 20)
120
1) Tested with pulses tp = 5 ms
2) Valid provided that electrodes are kept at ambient temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com