Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3843N13 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AS3843N13
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3843N13 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AS3843N13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS3843N13 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
ASTEC Semiconductor
In most typical power supply designs, the con-
verterÕs output voltage is divided down and moni-
tored at the error amplifierÕs inverting input, V
FB. A
simple resistor divider network is used and is
scaled such that the voltage at V
FB is 2.5 V when
the converterÕs output is at the desired voltage.
The voltage at V
FB is then compared to the inter-
nal 2.5 V reference and any slight difference is
amplified by the high gain of the error amplifier.
The resulting error amplifier output is level shifted
by two diode drops and is then divided by three to
provide a 0 to 1 V reference (V
E) to one input of
the current sense comparator. The level shifting
reduces the input voltage range of the current
sense input and prevents the output from going
high when the error amplifier output is forced to its
low state. An internal clamp limits V
E to 1.0 V. The
purpose of the clamp is discussed in Section 1.5.
1.4.1 Loop compensation
Loop compensation of a power supply is neces-
sary to ensure stability and provide good line/load
regulation and dynamic response. It is normally
provided by a compensation network connected
between the error amplifierÕs output (COMP) and
inverting input as shown in Figure 17. The type of
network used depends on the converter topology
and in particular, the characteristics of the major
functional blocks within the supply Ñ i.e. the error
amplifier, the modulator/switching circuit, and the
output filter. In general, the network is designed
such that the converterÕs overall gain/phase
response approaches that of a single pole with a
Ð20 dB/decade rolloff, crossing unity gain at the
highest possible frequency (up to f
SW/4) for good
dynamic response, with adequate phase margin
(> 45¡) to ensure stability.
Figure 18 shows the Gain/Phase response of the
error amplifier. The unity gain crossing is at
1.2 MHz with approximately 57¡C of phase mar-
gin. This information is useful in determining the
configuration and characteristics required for the
compensation network.
One of the simplest types of compensation net-
works is shown in Figure 19. An RC network pro-
vides a single pole which is normally set to
compensate for the zero introduced by the output
capacitorÕs ESR. The frequency of the pole (f
P) is
determined by the formula;
(5)
AS384x
Current Mode Controller
101
102
103
104
105
106
107
–20
0
20
40
60
80
240
210
180
150
120
90
60
30
0
–30
–60
Frequency (Hz)
Gain
Phase
V
OUT
R
I
R
BIAS
2.50 V
To PWM
C
F
R
F
+
Ð
E/A
Figure 18. Gain/Phase Response of the AS3842
Figure 19. A Typical Compensation Network
ƒ
P =
1
2
π Rƒ Cƒ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com