Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPA Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # BPA
Description  Small size ??Non/ Bi-Polar
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

BPA Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  BPA Datasheet HTML 1Page - Illinois Capacitor, Inc. BPA Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BPA
+85°C, Bi-Polar/ non-polar
2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
0.47
50
474BPA050M
493.832
13
6x16
1
50
105BPA050M
232.101
19
6x16
1
100
105BPA100M
165.786
25
6x16
2.2
50
225BPA050M
105.5
30
6x16
2.2
100
225BPA100M
75.358
36
6x16
3.3
50
335BPA050M
70.334
37
6x16
3.3
100
335BPA100M
50.238
46
6x16
4.7
50
475BPA050M
49.383
46
6x16
4.7
100
475BPA100M
35.274
55
6x16
10
50
106BPA050M
23.21
68
6x16
10
100
106BPA100M
16.579
92
8x19
15
25
156BPA025M
22.105
73
6x16
15
50
156BPA050M
15.47
98
8x16
22
25
226BPA025M
15.072
88
6x16
22
50
226BPA050M
9.38
120
8x16
22
100
226BPA100M
7.538
155
10x19
33
25
336BPA025M
10.048
120
8x16
33
50
336BPA050M
7.033
145
8x19
33
100
336BPA100M
5.024
210
10x24
47
16
476BPA016M
7.76
110
6x16
47
25
476BPA025M
7.055
140
8x16
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
47
50
476BPA050M
4.938
200
10x19
47
100
476BPA100M
3.527
285
12.5x27
68
16
686BPA016M
5.364
155
8x16
68
25
686BPA025M
4.876
204
10x19
68
50
686BPA050M
3.413
260
10x24
100
16
107BPA016M
3.647
175
8x19
100
25
107BPA025M
3.316
235
10x19
100
50
107BPA050M
2.321
325
10x24
100
100
107BPA100M
1.658
500
16x34
150
25
157BPA025M
2.211
320
10x19
220
16
227BPA016M
1.658
290
10x19
220
25
227BPA025M
1.507
390
10x24
220
50
227BPA050M
1.055
600
12.5x31
330
16
337BPA016M
1.105
450
10x24
330
25
337BPA025M
1.005
555
12.5x27
330
50
337BPA050M
0.703
730
16x34
470
16
477BPA016M
0.776
565
10x30
470
25
477BPA025M
0.706
665
12.5x31
470
50
477BPA050M
0.494
860
16x39
1000
16
108BPA016M
0.365
950
12.5x31



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com