Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # DER
Description  High Capacitance ??Very fast charge/discharge ??High power density
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

DER Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  DER Datasheet HTML 1Page - Illinois Capacitor, Inc. DER Datasheet HTML 2Page - Illinois Capacitor, Inc. DER Datasheet HTML 3Page - Illinois Capacitor, Inc. DER Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DER
Radial lead, +70°C
Capacitance
(F)
WVDC
IC PART NUMBER
MAX
Current
(A)
Maximum
Continuous
Current (A)
(∆T=15°C)
Short
Circuit
Current
(A)
ESR AC 1
kHz
(mΩ)
DC ESR
(mΩ)
20°C
Max stored
energy
(mWh)
LC (mA),
(72 hrs)
Energy
Density
(Wh/kg)
Energy
Volumetric
Density
(Wh/l)
Power
Density
(kW/kg)
Power
Volumetric
Density
(kW/l)
10.0
2.3
106DCR2R3SGU
2.3
220
400
220
400
7.3472
0.05
3.6736
4.6774
0.794
1.0103
22.0
2.3
226DCR2R3STU
5.34
120
170
120
170
16.1639
0.065
4.6852
6.5858
1.082
1.5214
30.0
2.3
306DCR2R3STV
5.95
100
160
100
160
22.0417
0.085
5.8004
7.1845
1.044
1.2932
50.0
2.3
506DCR2R3SKV
9.58
60
100
60
100
36.7361
0.11
5.248
7.3084
0.9069
1.2629
70.0
2.3
706DCR2R3SKY
11.58
50
85
50
85
51.4306
0.15
6.1593
7.3084
0.894
1.0613
120.0
2.3
127DCR2R3SLZ
15.68
35
65
35
65
88.1667
0.4
6.6291
8.6618
0.734
0.9595
220.0
2.3
227DCR2R3SNI
23.21
25
45
25
45
161.1639
0.9
6.4656
9.0472
0.5643
0.7896
400.0
2.3
407DCR2R3SDG
41.82
20
25
20
25
293.8889
2
4.432
9.2393
0.3829
0.7983
600.0
2.3
607DCR2R3SDZ
53.08
15
20
15
20
440.8333
4
6.5649
10.394
0.473
0.7484
800.0
2.3
807DCR2R3SEK
70.77
10
15
10
15
587.7778
7.2
7.9926
8.7275
0.5755
0.6284



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com