Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107DCN2R7SLB Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 107DCN2R7SLB
Description  Very fast charge/discharge ??High power density ??IEC 62391
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107DCN2R7SLB Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  107DCN2R7SLB Datasheet HTML 1Page - Illinois Capacitor, Inc. 107DCN2R7SLB Datasheet HTML 2Page - Illinois Capacitor, Inc. 107DCN2R7SLB Datasheet HTML 3Page - Illinois Capacitor, Inc. 107DCN2R7SLB Datasheet HTML 4Page - Illinois Capacitor, Inc. 107DCN2R7SLB Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DCN
High pulse power, extends
battery life
Capacitance
(F)
WVDC
IC PART NUMBER
MAX
Current
(A)
Maximum
Continuous
Current (A)
(∆T=15°C)
Short
Circuit
Current
(A)
ESR AC 1
kHz
(mΩ)
DC ESR
(mΩ)
20°C
Max stored
energy
(mWh)
LC (mA),
(72 hrs)
Energy
Density
(Wh/kg)
Energy
Volumetric
Density
(Wh/l)
Power
Density
(kW/kg)
Power
Volumetric
Density
(kW/l)
0.3
2.7
304DCN2R7SCBB
0.5
0.2
1.8
1000
1500
0.30375
0.006
1.2
0.879
2.333
13.18
1.0
2.7
105DCN2R7S
0.73
0.4
3.17
400
850
1.0125
0.008
1.0771
1.6786
1.0949
1.7062
1.0
5.5
105DCN5R5M
1.42
0.36
6.11
600
850
4.2139
0.1
1.1571
1.3187
1.1109
1.2659
1.5
5.5
155DCN5R5M
4.125
0.65
11
320
500
6.3021
0.12
1.40046
1.70269
4.0333
4.9
2.0
2.7
205DCN2R7S
1.39
0.5
5.74
280
470
2.025
0.01
1.7609
2.5179
1.6185
2.3143
2.0
5.5
205DCN5R5M
2.81
0.85
11.74
300
470
8.4028
0.14
2.02
10.0899
11.2
5.96
2.5
5.5
255DCN5R5Q
5.09
1.1
13.75
220
400
10.5035
0.15
2.025
1.8218
5.3834
4.8431
3.0
2.7
305DCN2R7Q
2.31
0.8
10.8
160
250
3.0375
0.012
2.2668
3.0215
2.6113
3.4807
3.3
2.7 335DCN2R7MGJG
2.36
0
0
160
270
3.34125
0.014
1.6
2.127
1.58
2.063
4.7
2.7
475DCN2R7SGJG
2.92
0.9
10.8
140
250
4.7588
0.016
2.2134
3.0295
1.6275
2.2277
5.0
2.7
505DCN2R7Q
6.75
0.99
13.5
110
200
5.0625
0.015
2.025
3.2229
1.7496
2.7846
10.0
2.7
106DCN2R7M
5.87
1.4
20.7
80
130
10.125
0.03
3.3638
4.2972
2.2356
2.856
10.0
2.7
106DCN2R7STJD
5.63
1.4
19.3
80
140
10.125
0.03
2.5859
3.3002
1.5981
2.0367
22.0
2.7
226DCN2R7SKJD
10.3
0
0
40
85
22.275
0.06
2.9542
4.4315
1.365
2.0475
25.0
2.7
256DCN2R7Q
16.46
0
45
30
60
25.3125
0.049
7.54
5.0358
3.1654
4.1437
30.0
2.7
306DCN2R7M
14.5
2.7
45
30
60
30.375
0.07
3.7593
5.0358
1.8045
2.4172
50.0
2.7
506DCN2R7Q
22.5
4
675
25
40
50.625
0.16
3.061
4.9736
1.058
2.1486
100.0
2.7
107DCN2R7Q
35.5
5.8
96.4
18
28
101.25
0.3
4.6107
5.919
1.4227
1.8264
100.0
2.7
107DCN2R7SLB
35.5
0
0
20
28
101.25
0.3
5.0373
6.6315
1.5544
2.0463
150.0
2.7
157DCN2R7M
42.6
7
108
16
25
151.875
0.55
4.8522
5.6254
1.118
1.2961
200.0
2.7
207DCN2R7M
54
8.3
135
15
20
202.5
0.7
4.927
5.7296
1.0642
1.2376
250.0
2.7
257DCN2R7SDP
61.4
9.1
150
13
18
253.125
0.8
5.3289
6.5109
1.0297
1.2628
350.0
2.7
357DCN2R7M
90.9
0
0
10
12
354.375
1
5.0053
6.1388
1.0297
1.2628
400.0
2.7
407DCN2R7Q
93.1
0
225
10
12
405
1.2
5.7857
7.016
1.0414
1.263
500.0
2.7
507DCN2R7SEW
112
0
270
8
10
506.25
1.3
4.8214
5.5388
0.8331
0.9571
650.0
2.7
657DCN2R7SZZ
577
0
3370
0.65
0.8
658.125
2.3
3.3
3.879
5.468
6.446



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com