Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM346M Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM346M
Description  Programmable Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM346M Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM346M Datasheet HTML 3Page - National Semiconductor (TI) LM346M Datasheet HTML 4Page - National Semiconductor (TI) LM346M Datasheet HTML 5Page - National Semiconductor (TI) LM346M Datasheet HTML 6Page - National Semiconductor (TI) LM346M Datasheet HTML 7Page - National Semiconductor (TI) LM346M Datasheet HTML 8Page - National Semiconductor (TI) LM346M Datasheet HTML 9Page - National Semiconductor (TI) LM346M Datasheet HTML 10Page - National Semiconductor (TI) LM346M Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical Performance Characteristics (Continued)
Application Hints
Avoid reversing the power supply polarity; the device will fail.
Common-Mode
Input
Voltage:
The
negative
common-mode voltage limit is one diode drop above the
negative supply voltage. Exceeding this limit on either input
will result in an output phase reversal. The positive
common-mode limit is typically 1V below the positive supply
voltage. No output phase reversal will occur if this limit is ex-
ceeded by either input.
Output Voltage Swing vs I
SET: For a desired output voltage
swing the value of the minimum load depends on the positive
and negative output current capability of the op amp. The
maximum available positive output current, (I
CL+), of the de-
vice increases with I
SET whereas the negative output current
(I
CL−) is independent of ISET. Figure 1 illustrates the above.
Input Noise Voltage vs
Frequency
DS005654-23
Input Noise Current vs
Frequency
DS005654-24
Power Supply Rejection
Ratio vs Frequency
DS005654-25
Voltage Follower Pulse
Response
DS005654-26
Voltage Follower Transient
Response
DS005654-27
Transient Response Test Circuit
DS005654-6
DS005654-7
FIGURE 1. Output Current Limit vs I
SET
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com