Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31025 Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C31025
Description  5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025 Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

  AS7C31025 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31025 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
®
AS7C1025
AS7C31025
3/23/01; v.1.0
Alliance Semiconductor
P. 9 of 9
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be
the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may
appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the
product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential
customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use
of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose,
merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made
exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other
intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected
to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all
claims arising from such use
Ordering codes
Part numbering system
Package \ Access time
Voltage
Temperature
12 ns
15 ns
20 ns
sTSOP II
5V
Commercial
AS7C1025-12TC
AS7C1025-15TC
AS7C1025-20TC
Industrial
AS7C1025-12TI
AS7C1025-15TI
AS7C1025-20TI
3.3V
Commercial
AS7C31025-12TC
AS7C31025-15TC
AS7C31025-20TC
Industrial
AS7C31025-12TI
AS7C31025-15TI
AS7C31025-20TI
300-mil SOJ
5V
Commercial
AS7C1025-12TJC
AS7C1025-15TJC
AS7C1025-20TJC
Industrial
AS7C1025-12TJI
AS7C1025-15TJI
AS7C1025-20TJI
3.3V
Commercial
AS7C31025-12TJC
AS7C31025-15TJC
AS7C31025-20TJC
Industrial
AS7C31025-12TJI
AS7C31025-15TJI
AS7C31025-20TJI
400-mil SOJ
5V
Commercial
AS7C1025-12JC
AS7C1025-15JC
AS7C1025-20JC
Industrial
AS7C1025-12JI
AS7C1025-15JI
AS7C1025-20JI
3.3V
Commercial
AS7C31025-12JC
AS7C31025-15JC
AS7C31025-20JC
Industrial
AS7C31025-12JI
AS7C31025-15JI
AS7C31025-20JI
AS7C
X
1025
–XX
X
X
SRAM
prefix
Blank=5V CMOS
3=3.3V CMOS
Device
number
Access
time
Package:
T = TSOP II
J = SOJ
Temperature range
C = Commercial, 0°C to 70°C
I = Industrial, -40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com