Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXM Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # KXM
Description  Standardized case sizes - High ripple current ??Multiplecase sizes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

KXM Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  KXM Datasheet HTML 1Page - Illinois Capacitor, Inc. KXM Datasheet HTML 2Page - Illinois Capacitor, Inc. KXM Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KXM
+105°C, High Voltage Low
Impedance Long Life, 5000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Impedance
Ω +20°C/
-10°C,
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
0.47
100
474KXM100M
352.737
45/121.5
20
5x11
0.68
100
684KXM100M
243.8
25/67.5
24
5x11
1
100
105KXM100M
132.629
17/46
26
5x11
1.5
100
155KXM100M
88.419
10/27
33
5x11
2.2
100
225KXM100M
75.3575
6.8/18.36
45
5x11
3.3
100
335KXM100M
40.191 4.15/11.205
55
5x11
4.7
50
475KXM050M
35.2737 1.699/5.096
80
5x11
4.7
100
475KXM100M
35.2737
3/8.1
70
6.3x11
6.8
100
685KXM100M
24.38
2/5.4
85
6.3x11
10
50
106KXM050M
16.579
0.55/3.992
240
5x11
10
63
106KXM063M
16.579
1.08/2.16
137
5x11
10
100
106KXM100M
16.579
1/3.375
150
6.3x11
12
63
126KXM063M
11.0524
0.95/1.9
148
5x11
12
100
126KXM100M
11.0524
1/2.7
115
6.3x11
15
63
156KXM063M
8.842
0.75/1.5
185
6.3x11
15
100
156KXM100M
8.842
0.82/2.214
132
6.3x15
18
63
186KXM063M
7.3683
0.64/1.28
198
6.3x11
18
100
186KXM100M
7.3683
0.39/1.863
155
6.3x15
22
50
226KXM050M
7.5357
0.34/1.18
238
5x11
22
63
226KXM063M
7.5357
0.05/1.06
250
6.3x11
22
100
226KXM100M
7.5357
0.8/1.54
370
8x11.5
27
63
276KXM063M
6.1402
0.43/0.86
240
6.3x11
27
100
276KXM100M
6.1402
0.05/1.4
270
10x12.5
27
100
276KXM100MJP
6.1402
0.48/1.3
280
8x16
33
35
336KXM035M
6.0286
0.3/1
250
5x11
33
50
336KXM050M
5.0238 0.564/1.411
230
6.3x11
33
63
336KXM063M
5.0238
0.36/0.72
308
6.3x15
33
100
336KXM100M
5.0238
0.44/1.19
295
10x12.5
33
100
336KXM100MJP
5.0238
0.4/1.08
300
8x16
39
63
396KXM063M
4.2509
0.31/0.62
325
6.3x15
39
100
396KXM100M
4.2509
0.38/1.03
340
10x15
39
100
396KXM100MJU
4.2509
0.34/0.92
350
8x20
47
25
476KXM025M
4.9383
0.3/1
250
5x11
47
50
476KXM050M
3.5274
0.24/1.132
320
6.3x11
47
63
476KXM063M
3.5274
0.22/0.81
480
8x11.5
47
100
476KXM100M
3.5274
0.3/0.81
420
10x20
47
100
476KXM100MNP
3.5274
0.33/0.89
400
12.5x15
56
16
566KXM016M
4.7368
0.3/1
250
5x11
56
35
566KXM035M
3.5526
0.25/0.41
350
6.3x11
56
50
566KXM050M
2.9605
0.14/0.5
385
6.3x11
56
63
566KXM063M
2.9605
0.24/0.48
445
10x12.5
56
63
566KXM063MJP
2.9605
0.22/0.44
460
8x16
56
100
566KXM100M
2.9605
0.25/0.675
455
10x20
56
100
566KXM100MNP
2.9605
0.29/0.78
430
12.5x15
68
16
686KXM016M
3.9009
0.5/1.25
180
5x11
68
35
686KXM035M
2.9256 0.397/0.991
280
6.3x11
68
50
686KXM050M
2.438
0.352/0.88
380
8x11.5
68
63
686KXM063M
2.438
0.2/0.4
500
10x12.5
68
63
686KXM063MJP
2.438
0.18/0.36
510
8x16
68
100
686KXM100M
2.438
0.22/0.594
530
10x25
68
100
686KXM100MNP
2.438
0.25/0.675
465
12.5x15
82
63
826KXM063M
2.0218
0.16/0.32
580
10x15
82
63
826KXM063MJU
2.0218
0.17/0.34
600
8x20
82
100
826KXM100M
2.0218
0.2/0.54
610
10x30
82
100
826KXM100MQP
2.0218
0.21/0.567
680
16x15
100
10
107KXM010M
3.1499
0.3/1
250
5x11
100
25
107KXM025M
2.321
0.13/0.41
410
6.3x11
100
50
107KXM050M
1.6579
0.1/0.24
610
8x11.5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Impedance
Ω +20°C/
-10°C,
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
100
63
107KXM063M
1.6579
0.13/0.26
748
10x20
100
63
107KXM063MNP
1.6579
0.15/0.3
700
12.5x15
100
100
107KXM100M
1.6579
0.16/0.432
660
10x30
100
100
107KXM100MQP
1.6579
0.18/0.486
715
16x15
120
16
127KXM016M
2.2105
0.13/0.41
405
6.3x11
120
50
127KXM050M
1.3816
0.061/0.18
950
8x15
120
63
127KXM063M
1.3816
0.11/0.22
820
10x20
120
63
127KXM063MNP
1.3816
0.125/0.15
755
12.5x15
120
100
127KXM100M
1.3816 0.135/0.351
770
12.5x25
120
100
127KXM100MQP
1.3816
0.15/0.405
795
16x15
150
6.3
157KXM6R3M
2.4315
0.3/1
250
5x11
150
35
157KXM035M
1.3263
0.072/0.22
760
8x11.5
150
50
157KXM050M
1.1052
0.061/0.18
979
10x12.5
150
63
157KXM063M
1.1052 0.092/0.184
940
10x25
150
63
157KXM063MNP
1.1052
0.095/0.19
847
12.5x15
150
100
157KXM100M
1.1052
0.12/0.324
800
12.5x25
150
100
157KXM100MRP
1.1052
0.13/0.351
915
18x15
180
50
187KXM050M
0.921
0.046/0.14
1190
8x20
180
63
187KXM063M
0.921
0.077/0.154
1100
10x30
180
63
187KXM063MQP
0.921
0.082/0.164
1025
16x15
180
100
187KXM100M
0.921
0.1/0.27
900
12.5x30
180
100
187KXM100MQU
0.921
0.11/0.3
995
16x20
220
10
227KXM010M
1.4318
0.13/0.41
405
6.3x11
220
25
227KXM025M
1.055
0.072/0.22
760
8x11.5
220
35
227KXM035M
0.9043
0.065/0.17
980
8x16
220
35
227KXM035MLN
0.9043
0.06/0.319
1050
10x12.5
220
50
227KXM050M
0.7536
0.06/0.12
1136
10x16
220
63
227KXM063M
0.6029 0.067/0.134
1145
12.5x20
220
63
227KXM063MQP
0.6029 0.072/0.144
1125
16x15
220
100
227KXM100M
0.6029 0.088/0.238
1000
12.5x35
220
100
227KXM100MQV
0.6029 0.094/0.254
1150
16x25
270
35
277KXM035M
0.7368
0.041/0.13
1250
8x20
270
50
277KXM050M
0.614
0.03/0.09
1580
10x20
270
63
277KXM063M
0.614
0.056/0.112
1350
12.5x25
270
63
277KXM063MRP
0.614
0.06/0.12
1300
18x15
270
100
277KXM100M
0.614
0.074/0.2
1110
12.5x40
270
100
277KXM100MRU
0.614
0.082/0.221
1225
18x20
330
6.3
337KXM6R3M
1.1052
0.13/0.41
405
6.3x11
330
16
337KXM016M
0.8038
0.072/0.22
760
8x11.5
330
25
337KXM025M
0.7033
0.056/0.17
995
8x16
330
25
337KXM025MLN
0.8038
0.053/0.17
1030
10x12.5
330
35
337KXM035M
0.6029
0.038/0.12
1430
10x16
330
50
337KXM050M
0.5024 0.028/0.085
1870
10x25
330
63
337KXM063M
0.5024
0.05/0.1
1425
12.5x25
330
63
337KXM063MRP
0.5024 0.051/0.102
1400
18x15
330
100
337KXM100M
0.5024 0.065/0.176
1520
16x30
330
100
337KXM100MRV
0.5024 0.072/0.194
1425
18x25
390
63
397KXM063M
0.4251 0.044/0.088
1625
12.5x30
390
63
397KXM063MQU
0.4251 0.047/0.094
1500
16x20
390
100
397KXM100M
0.4251 0.055/0.149
1725
16x35
390
100
397KXM100MRW
0.4251
0.063/0.17
1600
18x30
470
10
477KXM010M
0.6702
0.072/0.22
760
8x11.5
470
16
477KXM016M
0.5644
0.056/0.17
995
8x16
470
16
477KXM016MLN
0.5644 0.053/0.233
1030
10x12.5
470
25
477KXM025MLQ
0.4938 0.038/0.221
1430
10x16
470
25
477KXM025M
0.4938
0.041/0.13
1250
8x20
470
35
477KXM035M
0.4233 0.023/0.069
1820
10x20
470
50
477KXM050M
0.3527 0.035/0.068
1900
12.5x20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com