Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575T-3.3 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575T-3.3
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575T-3.3 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2575T-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM2575T-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2575T-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2575T-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2575T-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2575T-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2575T-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM2575T-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM2575T-3.3 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LM1575-ADJ, LM2575-ADJ, LM2575HV-ADJ
Electrical Characteristics
Specifications with standard type face are for T
J= 25˚C, and those with boldface type apply over full Operating Temperature
Range.
Symbol
Parameter
Conditions
Typ
LM1575-ADJ
LM2575-ADJ
Units
(Limits)
LM2575HV-ADJ
Limit
Limit
(Note 2)
(Note 3)
SYSTEM PARAMETERS (Note 4) Test Circuit Figure 2
V
OUT
Feedback Voltage
V
IN = 12V, ILOAD = 0.2A
1.230
V
V
OUT = 5V
1.217
1.217
V(Min)
Circuit of Figure 2
1.243
1.243
V(Max)
V
OUT
Feedback Voltage
0.2A
≤ I
LOAD
≤ 1A,
1.230
V
LM1575/LM2575
8V
≤ V
IN
≤ 40V
1.205/1.193
1.193/1.180
V(Min)
V
OUT = 5V, Circuit of Figure 2
1.255/1.267
1.267/1.280
V(Max)
V
OUT
Feedback Voltage
0.2A
≤ I
LOAD
≤ 1A,
1.230
V
LM2575HV
8V
≤ V
IN
≤ 60V
1.205/1.193
1.193/1.180
V(Min)
V
OUT = 5V, Circuit of Figure 2
1.261/1.273
1.273/1.286
V(Max)
η
Efficiency
V
IN = 12V, ILOAD = 1A, VOUT =5V
77
%
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V version,
and V
IN = 30V for the 15V version. ILOAD = 200 mA.
Symbol
Parameter
Conditions
Typ
LM1575-XX
LM2575-XX
Units
(Limits)
LM2575HV-XX
Limit
Limit
(Note 2)
(Note 3)
DEVICE PARAMETERS
I
b
Feedback Bias Current
V
OUT = 5V (Adjustable Version Only)
50
100/500
100/500
nA
f
O
Oscillator Frequency
(Note 13)
52
kHz
47/43
47/42
kHz(Min)
58/62
58/63
kHz(Max)
V
SAT
Saturation Voltage
I
OUT = 1A (Note 5)
0.9
V
1.2/1.4
1.2/1.4
V(Max)
DC
Max Duty Cycle (ON)
(Note 6)
98
%
93
93
%(Min)
I
CL
Current Limit
Peak Current (Notes 5, 13)
2.2
A
1.7/1.3
1.7/1.3
A(Min)
3.0/3.2
3.0/3.2
A(Max)
I
L
Output Leakage
(Notes 7, 8)
Output = 0V
2
2
mA(Max)
Current
Output = −1V
7.5
mA
Output = −1V
30
30
mA(Max)
I
Q
Quiescent Current
(Note 7)
5
mA
10/12
10
mA(Max)
I
STBY
Standby Quiescent
ON /OFF Pin = 5V (OFF)
50
µA
Current
200/500
200
µA(Max)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com