Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-708 Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-708
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-708 Datasheet(HTML) 2 Page - Copal Electronics

  PA-708_16 Datasheet HTML 1Page - Copal Electronics PA-708_16 Datasheet HTML 2Page - Copal Electronics PA-708_16 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Amdient temp. range
°C
PA-708
PRESSURE TRANSDUCERS WITH AMP.
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Mediumteml. range
Storage temp.
Operating humidity
Pressure medium
Insulation resistance
Dielectric strength
Pressure port
Net weight
Model number
PA-708
102R
302R
602R
Gauge (Compound)
−100 ~ 100
−100 ~ 300
−100 ~ 600
200
600
1200
400
1200
1800
Corrosive gases/liquids compatible with Fluorocarbon polymer
Approx. 160
100 (500 V DC)
500 V AC, 60 s(Leakage current 1 mA maximum)
1/2"
× 3/8"
10 ~ 80
10 ~ 50
35 ~ 85(No condensation)
− 20 ~ 80(Atmospheric pressure, humidity 65 %RH maximum)
− 20 ~ 80
kPa
kPa
kPa
°C
°C
%RH
°C
M
Ω
minimum
g
● Unless otherwise specified, the specs are defined at an ambient temperature of 25
± 5 °C, excitation voltage of 24 V DC and loadresistance of 250 Ω.
Thermal error
0 ~ 50 °C
(Reference temp.: 25 °C)
Ripple content
Output current
Zero current
Span current
Load resistance
Linearity/Hysteresis
Response
4 ~ 20
4
± 0.2 (at 25 °C)
16
± 0.2 (at 25 °C)
0 ~ 500
± 1.0
± 1.5
Approx. 2
10 % (P-P)
± 0.1
± 0.1
ZERO %F.S./°C
%F.S.
SPAN %F.S./°C
maximum
mA
mA
mA
Ω
ms
Supply voltage
24
± 10 %
V DC
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 55 Hz, 1.5 mm maximum/98.1 m/s2, 3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Zero current, Span current:
± 2 %F.S. maximum each
Shock
Pressure cycling
Moisture resistance
EMI : EN55011: 2007, A2 : 2007 Group 1, class B
ý
EMS : EN61326-1 : 2006/EN61326-2-3 : 2006 Table 2
Analog output :
± 5 %F.S. maximum during test
:
± 5 %F.S.
EMC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com