Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC304 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC304
Description  OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC304 Datasheet(HTML) 2 Page - Texas Instruments

  CDC304 Datasheet HTML 1Page - Texas Instruments CDC304 Datasheet HTML 2Page - Texas Instruments CDC304 Datasheet HTML 3Page - Texas Instruments CDC304 Datasheet HTML 4Page - Texas Instruments CDC304 Datasheet HTML 5Page - Texas Instruments CDC304 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CDC304
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SCAS325A – JULY 1990 – REVISED NOVEMBER 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
C1
CLK
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
1D
R
S
10
11
14
15
16
1
2
6
7
8
9
PRE
CLR
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 1): D package
0.77 W
. . . . . . . . . . . . . . . . . .
N package
1.2 W
. . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 300 mils,
except for the N package, which has a trace length of zero. For more information, refer to the
Package Thermal Considerations
application note in the 1994
ABT Advanced BiCMOS Technology Data Book, literature number SCBD002B.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
48
mA
fclock
Input clock frequency
80
MHz
TA
Operating free-air temperature
0
70
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com