Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20022I Datasheet(PDF) 73 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 73 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 69Page - SMSC Corporation COM20022I Datasheet HTML 70Page - SMSC Corporation COM20022I Datasheet HTML 71Page - SMSC Corporation COM20022I Datasheet HTML 72Page - SMSC Corporation COM20022I Datasheet HTML 73Page - SMSC Corporation COM20022I Datasheet HTML 74Page - SMSC Corporation COM20022I Datasheet HTML 75Page - SMSC Corporation COM20022I Datasheet HTML 76Page - SMSC Corporation COM20022I Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 73
Rev. 08-18-03
DATASHEET
nPULSE1
t2
t3
RXIN
t10
t11
nPULSE2
t5
t6
(Internal Clk)
t4
Parameter
min
typ
max
units
t2
t3
t4
t5
t6
t7
t8
t10
t11
t12
nPULSE1 Pulse Width
nPULSE1 Period
nPULSE2 Low to nPULSE1 Low
nPULSE2 High Time
nPULSE2 Low Time
nPULSE2 Period
nPULSE2 High to nTXEN High
RXIN Active Pulse Width
RXIN Period
nS
nS
nS
nS
nS
nS
nS
nS
nS
200*
400*
100*
100*
200*
200*
400*
50
50
-25
10
t1
t7
nTXEN
t9
t8
LAST BIT
(400 nS BIT TIME)
t1
nPULSE2 High to nTXEN Low
-25
50
nS
(First Rising Edge on nPULSE2 after Last Bit Time)
t9
nTXEN Low to first nPULSE1 Low**
650
750
nS
t13
t12
-25
RXIN Inactive Pulse Width
20
nS
t13
Beginning Last Bit Time to nTXEN High**
450
nS
Above values are for 2.5 Mbps.
Other Data Rates are shown below.
550
TDR is the Data Rate Period
*t5, t6 = TDR/4
*t2, t7, t10 = TDR/2
*t3, t11 = TDR
**t9 = x TDR +/- 50 nS
7
4
**t13 = x TDR +/- 50 nS
5
4
Figure 8.14 - Backplane Mode Transmit or Receive Timing
(These signals are to and from the differential driver or the cable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com