Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

188LBA050M2AC Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 188LBA050M2AC
Description  Multiple case sizes - High voltage ??High Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

188LBA050M2AC Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  188LBA050M2AC Datasheet HTML 1Page - Illinois Capacitor, Inc. 188LBA050M2AC Datasheet HTML 2Page - Illinois Capacitor, Inc. 188LBA050M2AC Datasheet HTML 3Page - Illinois Capacitor, Inc. 188LBA050M2AC Datasheet HTML 4Page - Illinois Capacitor, Inc. 188LBA050M2AC Datasheet HTML 5Page - Illinois Capacitor, Inc. 188LBA050M2AC Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LBA
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
47
450
476LBA450M2BC 7054.74
0.46
22x25
56
450
566LBA450M2AC 5920.94
0.61
20x25
68
400
686LBA400M2AC 3657.05
0.75
20x25
68
450
686LBA450M2AD 4876.07
0.7
20x30
68
450
686LBA450M2BC 4876.07
0.71
22x25
68
450
686LBA450M2CC 4876.07
0.6
25x25
82
400
826LBA400M2AD 3032.68
0.82
20x30
82
400
826LBA400M2BC 3032.68
0.84
22x25
82
450
826LBA450M2AE 4043.57
0.8
20x35
82
450
826LBA450M2BC 4043.57
0.86
22x25
100
350
107LBA350M2CC
2486.8
0.63
25x25
100
400
107LBA400M2BD
2486.8
0.68
22x30
100
400
107LBA400M2AD
2486.8
0.95
20x30
100
400
107LBA400M2CC
2486.8
0.99
25x25
100
450
107LBA450M2BD 3315.73
0.95
22x30
100
450
107LBA450M2CC 3315.73
0.97
25x25
100
450
107LBA450M2BE 3315.73
0.77
22x35
100
500
107LBA500M2CC 3315.73
0.8
25x25
100
500
107LBA500M2DC 3315.73
0.84
30x25
120
350
127LBA350M2AD 2072.33
0.96
20x30
120
350
127LBA350M2BC 2072.33
1.04
22x25
120
400
127LBA400M2AE 2072.33
1.07
20x35
120
400
127LBA400M2BD 2072.33
1.09
22x30
120
400
127LBA400M2CC 2072.33
1.13
25x25
120
450
127LBA450M2AF 2763.11
0.99
20x40
120
450
127LBA450M2BE 2763.11
1.07
22x35
120
450
127LBA450M2CD 2763.11
1.09
25x30
120
500
127LBA500M2CD 2763.11
0.89
25x30
120
500
127LBA500M2DC 2763.11
0.9
30x25
150
250
157LBA250M2CA 1657.86
0.85
25x20
150
350
157LBA350M2AD 1657.86
1.1
20x30
150
350
157LBA350M2BD 1657.86
1.2
22x30
150
350
157LBA350M2CC 1657.86
1.22
25x25
150
400
157LBA400M2AF 1657.86
1.22
20x40
150
400
157LBA400M2BF 1657.86
0.94
22x40
150
400
157LBA400M2CD 1657.86
0.89
25x30
150
450
157LBA450M2BF 2210.49
1.18
22x40
150
450
157LBA450M2CD 2210.49
1.25
25x30
150
450
157LBA450M2DC 2210.49
1.29
30x25
150
500
157LBA500M2CE 2210.49
1.07
25x35
180
250
187LBA250M2AC 1381.55
1.2
20x25
180
350
187LBA350M2AE 1381.55
1.24
20x35
180
350
187LBA350M2BD 1381.55
1.34
22x30
180
350
187LBA350M2CC 1381.55
1.37
25x25
180
400
187LBA400M2BF 1381.55
1.41
22x40
180
400
187LBA400M2CD 1381.55
1.44
25x30
180
400
187LBA400M2DC 1381.55
1.52
30x25
180
450
187LBA450M2BG 1842.07
1.32
22x45
180
450
187LBA450M2CE 1842.07
1.4
25x35
180
450
187LBA450M2DD 1842.07
1.45
30x30
180
500
187LBA500M2DE 1842.07
1.3
30x35
220
160
227LBA160M2BA 1130.36
1
22x20
220
200
227LBA200M2BC 1130.36
1.14
22x25
220
200
227LBA200M2CA 1130.36
1.1
25x20
220
200
227LBA200M2AC 1130.36
1.19
20x25
220
250
227LBA250M2AD 1130.36
1.26
20x30
220
250
227LBA250M2BC 1130.36
1.24
22x25
220
350
227LBA350M2BE 1130.36
1.47
22x35
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
220
350
227LBA350M2CD 1130.36
1.53
25x30
220
350
227LBA350M2DC 1130.36
1.54
30x25
220
350
227LBA350M2DD 1130.36
1.29
30x30
220
400
227LBA400M2BG 1130.36
1.58
22x45
220
400
227LBA400M2CE 1130.36
1.64
25x35
220
400
227LBA400M2DD 1130.36
1.66
30x30
220
450
227LBA450M2CF 1507.15
1.59
25x40
220
450
227LBA450M2DD 1507.15
1.64
30x30
220
450
227LBA450M2ED 1507.15
1.66
35x30
220
450
227LBA450M2DF 1507.15
1.44
30x40
220
500
227LBA500M2CG 1507.15
1.4
25x45
270
160
277LBA160M2AC
921.04
1.28
20x25
270
200
277LBA200M2AD
921.04
1.39
20x30
270
200
277LBA200M2BC
921.04
1.37
22x25
270
250
277LBA250M2AD
921.04
1.42
20x30
270
250
277LBA250M2BD
921.04
1.5
22x30
270
350
277LBA350M2BF
921.04
1.7
22x40
270
350
277LBA350M2CE
921.04
1.73
25x35
270
350
277LBA350M2DC
921.04
1.8
30x25
270
400
277LBA400M2CF
921.04
1.79
25x40
270
400
277LBA400M2DD 921.04
1.82
30x30
270
450
277LBA450M2CG 1228.05
1.73
25x45
270
450
277LBA450M2DE 1228.05
1.89
30x35
270
450
277LBA450M2ED 1228.05
1.9
35x30
270
500
277LBA500M2CH 1228.05
1.6
25x50
270
500
277LBA500M2DF 1228.05
1.55
30x40
330
160
337LBA160M2AC
753.57
1.55
20x25
330
200
337LBA200M2AD
753.57
1.56
20x30
330
200
337LBA200M2BC
753.57
1.51
22x25
330
250
337LBA250M2AE
753.57
1.68
20x35
330
250
337LBA250M2BD
753.57
1.66
22x30
330
250
337LBA250M2CC
753.57
1.61
25x25
330
250
337LBA250M2CD
753.57
1.67
25x30
330
350
337LBA350M2BG
753.57
1.87
22x45
330
350
337LBA350M2CF
753.57
1.97
25x40
330
350
337LBA350M2DD 753.57
2.03
30x30
330
400
337LBA400M2CG
753.57
2
25x45
330
400
337LBA400M2DE
753.57
2.05
30x35
330
400
337LBA400M2ED
753.57
2.05
35x30
330
450
337LBA450M2DF 1004.77
2.12
30x40
330
450
337LBA450M2EE 1004.77
2.15
35x35
330
500
337LBA500M2DG 1004.77
1.8
30x45
390
160
397LBA160M2AD
637.64
1.63
20x30
390
160
397LBA160M2BC
637.64
1.63
22x25
390
200
397LBA200M2AE
637.64
1.74
20x35
390
200
397LBA200M2BD
637.64
1.73
22x30
390
200
397LBA200M2CC
637.64
1.71
25x25
390
250
397LBA250M2AF
637.64
1.92
20x40
390
250
397LBA250M2BE
637.64
1.88
22x35
390
250
397LBA250M2CD
637.64
1.88
25x30
390
350
397LBA350M2CF
637.64
2.14
25x40
390
350
397LBA350M2DE
637.64
2.23
30x35
390
350
397LBA350M2ED
637.64
2.3
35x30
390
400
397LBA400M2DF
637.64
2.26
30x40
390
400
397LBA400M2EE
637.64
2.28
35x35
390
450
397LBA450M2DG
850.19
2.35
30x45
390
450
397LBA450M2EF
850.19
2.38
35x40
390
500
397LBA500M2DH 850.19
2.1
30x50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com